Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T14L1024A Datasheet (PDF) - Taiwan Memory Technology

T14L1024A Datasheet PDF - Taiwan Memory Technology
Part # T14L1024A
Download  T14L1024A Download

File Size   86.05 Kbytes
Page   12 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 128K X 8 HIGH SPEED CMOS STATIC RAM

T14L1024A Datasheet (PDF)

Go To PDF Page Download Datasheet
T14L1024A Datasheet PDF - Taiwan Memory Technology

Part # T14L1024A
Download  T14L1024A Click to download

File Size   86.05 Kbytes
Page   12 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 128K X 8 HIGH SPEED CMOS STATIC RAM

T14L1024A Datasheet (HTML) - Taiwan Memory Technology

Back Button T14L1024A Datasheet HTML 1Page - Taiwan Memory Technology T14L1024A Datasheet HTML 2Page - Taiwan Memory Technology T14L1024A Datasheet HTML 3Page - Taiwan Memory Technology T14L1024A Datasheet HTML 4Page - Taiwan Memory Technology T14L1024A Datasheet HTML 5Page - Taiwan Memory Technology T14L1024A Datasheet HTML 6Page - Taiwan Memory Technology T14L1024A Datasheet HTML 7Page - Taiwan Memory Technology T14L1024A Datasheet HTML 8Page - Taiwan Memory Technology T14L1024A Datasheet HTML 9Page - Taiwan Memory Technology T14L1024A Datasheet HTML 10Page - Taiwan Memory Technology Next Button 

T14L1024A Product details

GENERAL DESCRIPTION

The T14L1024A is a one-megabit density, fast static random access memory organized as 131,072 words by 8 bits. It is designed for use in high performance memory applications such as main memory storage and high speed communication buffers. Fabricated using high performance CMOS technology, access times down to 10ns are achieved.

Memory expansion by banking is easily accomplished using the chip enable pins CE1 and CE2. This device is packaged in a standard 32-pin 300 mil DIP/SOJ and 32-pin SOP/TSOP-I.



FEATURES

• Fast Address Access Times : 10/12/15ns

• Single 3.3V ±0.3V power supply

• Low Power Consumption : 110/105/100mA

• TTL I/O compatible

• 2.0V data retention mode

• Automatic power-down when deselected

• Available packages :

   32-pin 300 mil DIP/SOJ & 32-pin SOP/TSOP-I

• Industry Standard Pin Assignment



 




Similar Part No. - T14L1024A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14L1024N TMT-T14L1024N Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10C TMT-T14L1024N-10C Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10H TMT-T14L1024N-10H Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10J TMT-T14L1024N-10J Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024N-10P TMT-T14L1024N-10P Datasheet
87Kb / 13P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results


Similar Description - T14L1024A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com