Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR3-X Datasheet (PDF) - List of Unclassifed Manufacturers

HVR3-X Datasheet PDF - List of Unclassifed Manufacturers
Part # HVR3-X
Download  HVR3-X Download

File Size   286.22 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Voltage 7,000 - 12,000V Current 350 mA

HVR3-X Datasheet (PDF)

Go To PDF Page Download Datasheet
HVR3-X Datasheet PDF - List of Unclassifed Manufacturers

Part # HVR3-X
Download  HVR3-X Click to download

File Size   286.22 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Voltage 7,000 - 12,000V Current 350 mA

HVR3-X Datasheet (HTML) - List of Unclassifed Manufacturers

HVR3-X Datasheet HTML 1Page - List of Unclassifed Manufacturers HVR3-X Datasheet HTML 2Page - List of Unclassifed Manufacturers HVR3-X Datasheet HTML 3Page - List of Unclassifed Manufacturers HVR3-X Datasheet HTML 4Page - List of Unclassifed Manufacturers HVR3-X Datasheet HTML 5Page - List of Unclassifed Manufacturers HVR3-X Datasheet HTML 6Page - List of Unclassifed Manufacturers HVR3-X Datasheet HTML 7Page - List of Unclassifed Manufacturers

HVR3-X Product details

[FAGOR]



Voltage 7.000 - 12.000 V. Current 350 mA



• Low cost

• Diffused junction

• High current capability

• The plastic material carries U/L recognition 94 V-0

• Terminals : Axial Leads




Similar Part No. - HVR3-X

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HVR30 WILLOW-HVR30 Datasheet
202Kb / 2P
   High Voltage Resistors
logo
Riedon Powertron
HVR30 RIEDON-HVR30 Datasheet
282Kb / 2P
   High Voltage / Thick Film Leaded Resistors
HVR30 RIEDON-HVR30 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVR3000 ETC1-HVR3000 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
logo
Riedon Powertron
HVR3010GOHM RIEDON-HVR3010GOHM Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
More results


Similar Description - HVR3-X

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
First Components Intern...
HV03 FCI-HV03 Datasheet
125Kb / 2P
   350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 29P
   350 mA LED Driver
Revision 1.0, 2010-11-11
logo
Texas Instruments
LM3407 TI1-LM3407_11 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A Datasheet
234Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
DOMINANT Semiconductors
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
First Components Intern...
SD103AMM FCI-SD103AMM Datasheet
561Kb / 2P
   350 mA Surface Mounted Schottky Barrier Rectifiers Low Forward Voltage Drop
logo
DOMINANT Semiconductors
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com