Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21-0056C Datasheet (PDF) - Maxim Integrated Products

21-0056C Datasheet PDF - Maxim Integrated Products
Part # 21-0056C
Download  21-0056C Download

File Size   17.45 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PACKAGE OUTLINE, SSOP, 5.3 MM

21-0056C Datasheet (PDF)

Go To PDF Page Download Datasheet
21-0056C Datasheet PDF - Maxim Integrated Products

Part # 21-0056C
Download  21-0056C Click to download

File Size   17.45 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PACKAGE OUTLINE, SSOP, 5.3 MM

21-0056C Datasheet (HTML) - Maxim Integrated Products


21-0056C Product details

PACKAGE OUTLINE, SSOP, 5.3 MM




Similar Part No. - 21-0056C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0051 MAXIM-21-0051 Datasheet
41Kb / 2P
   PACKAGE OUTLINE, 3L SOT-23
Rev J
21-0055 MAXIM-21-0055 Datasheet
36Kb / 1P
   PACKAGE OULINE QSOP.150, 025 LEAT PITCH
Rev K
logo
Zilog, Inc.
21-0055-01 ZILOG-21-0055-01 Datasheet
581Kb / 22P
   Real-time clock support
21-0055-02 ZILOG-21-0055-02 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
logo
Maxim Integrated Produc...
21-0057 MAXIM-21-0057 Datasheet
29Kb / 1P
   PACKAGE OUTLINE, 5L SOT23
Rev G
More results


Similar Description - 21-0056C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT340-1 PHILIPS-SOT340-1 Datasheet
11Kb / 1P
   SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
2003 Mar 24
logo
List of Unclassifed Man...
40-05-015 ETC1-40-05-015 Datasheet
25Kb / 1P
   Package Outline: 48 lead 300 mil SSOP
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
   Shrink Small Outline Package SSOP DIP Adapters
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
Maxim Integrated Produc...
21-0146A MAXIM-21-0146A Datasheet
40Kb / 1P
   PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
logo
Dallas Semiconductor
21-0102 DALLAS-21-0102 Datasheet
109Kb / 2P
   PACKAGE OUTLINE, 12,16L QFN, 3x3x0.90 MM
logo
National Semiconductor ...
MSC16 NSC-MSC16 Datasheet
24Kb / 1P
   MOLDED PACKAGE SSOP, EIAJ
logo
Panasonic Semiconductor
LN217RP PANASONIC-LN217RP Datasheet
53Kb / 2P
   5.3 mm x 1.8 mm Series
LN217RPH PANASONIC-LN217RPH Datasheet
31Kb / 1P
   5.3 mm X 1.8 mm Series
logo
Fairchild Semiconductor
MSA20 FAIRCHILD-MSA20 Datasheet
12Kb / 1P
   20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide Package Number MSA20
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com