Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-90 Datasheet (PDF) - Luminus, Inc

CBT-90 Datasheet PDF - Luminus, Inc
Part # CBT-90
Download  CBT-90 Download
File Size   1444.31 Kbytes
Page   17 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description High thermal conductivity package - junction to case thermal resistance of only 0.8째C/W

CBT-90 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT-90 Datasheet PDF - Luminus, Inc

Part # CBT-90
Download  CBT-90 Click to download

File Size   1444.31 Kbytes
Page   17 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description High thermal conductivity package - junction to case thermal resistance of only 0.8째C/W

CBT-90 Datasheet (HTML) - Luminus, Inc




Similar Part No. - CBT-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBT-90 ETC2-CBT-90 Datasheet
776Kb / 2P
Big Chip White LED
logo
Luminus, Inc
CBT-90-B-L11-G100 LUMINUS-CBT-90-B-L11-G100 Datasheet
1Mb / 15P
Thermally Enhanced LED Chipset
CBT-90-B-L11-G100 LUMINUS-CBT-90-B-L11-G100 Datasheet
2Mb / 17P
Thermally Enhanced LED Package
2022
CBT-90-B-L11-G101 LUMINUS-CBT-90-B-L11-G101 Datasheet
2Mb / 17P
Thermally Enhanced LED Package
2022
CBT-90-B-L11-H100 LUMINUS-CBT-90-B-L11-H100 Datasheet
2Mb / 17P
Thermally Enhanced LED Package
2022
More results


Similar Description - CBT-90

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN6007F MORESEMI-MSN6007F Datasheet
581Kb / 4P
Thermal Resistance,Junction-to-Case
logo
New Jersey Semi-Conduct...
2N5671 NJSEMI-2N5671 Datasheet
343Kb / 3P
THERMAL RESISTANCE JUNCTION-CASE
logo
Vishay Siliconix
VS-GBPC VISHAY-VS-GBPC Datasheet
153Kb / 7P
High thermal conductivity package, electrically insulated case
Revision: 27-May-15
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF Datasheet
220Kb / 8P
High thermal conductivity package, electrically insulated case
Revision: 03-Mar-14
logo
List of Unclassifed Man...
BT136-600-127 ETC2-BT136-600-127 Datasheet
44Kb / 6P
Thermal resistance junction to mounting base Thermal resistance junction to ambient
SP-2000 ETC2-SP-2000 Datasheet
398Kb / 2P
High thermal conductivity: 3.5 W/m-K
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
GP-5000S35 ETC2-GP-5000S35 Datasheet
505Kb / 2P
High thermal conductivity: 5.0 W/m-K
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
GP-VO ETC2-GP-VO Datasheet
439Kb / 2P
Thermal conductivity: 0.8 W/m-K
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com