Manufacturer | Part # | Datasheet | Description |
SYNERGY MICROWAVE CORPO... |
SLQ-K04
|
63Kb / 2P |
QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
|
ASM GmbH |
3276
|
986Kb / 8P |
Wide-band Models from DC to 100 MHz
|
3273-50
|
1Mb / 8P |
Wide-band Models from DC to 100 MHz
|
Tyco Electronics |
JH-121
|
172Kb / 2P |
Quadrature Hybrid, 100 - 200 MHz
|
JHS-121
|
104Kb / 2P |
Quadrature Hybrid 100 - 200 MHz
|
M/A-COM Technology Solu... |
JH-121
|
93Kb / 3P |
Quadrature Hybrid, 100 - 200 MHz
|
SYNERGY MICROWAVE CORPO... |
SJL-115
|
79Kb / 2P |
180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
|
TriQuint Semiconductor |
855625
|
68Kb / 1P |
190 MHz Bandpass Filter 200 kHz Bandwidth
|
SYNERGY MICROWAVE CORPO... |
SMJ-C6
|
99Kb / 2P |
180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
|
API Technologies Corp |
SF0246BA02631S
|
110Kb / 3P |
246 MHz SAW Filter 200 KHz Bandwidth
|