Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL21C621JBCNNNC Datasheet (PDF) - Samsung semiconductor

CL21C621JBCNNNC Datasheet PDF - Samsung semiconductor
Part # CL21C621JBCNNNC
Download  CL21C621JBCNNNC Download
File Size   207.45 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description CAP, 620?? 50V,5%, C0G, 0805

CL21C621JBCNNNC Datasheet (PDF)

Go To PDF Page Download Datasheet
CL21C621JBCNNNC Datasheet PDF - Samsung semiconductor

Part # CL21C621JBCNNNC
Download  CL21C621JBCNNNC Click to download

File Size   207.45 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description CAP, 620?? 50V,5%, C0G, 0805

CL21C621JBCNNNC Datasheet (HTML) - Samsung semiconductor




Similar Part No. - CL21C621JBCNNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C621JBCNNN SAMSUNG-CL21C621JBCNNN Datasheet
242Kb / 17P
Wide temperature compensation and voltage range
More results


Similar Description - CL21C621JBCNNNC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM2165C1H472J MURATA-GCM2165C1H472J Datasheet
33Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 C0G 4700pF 50V
logo
Samsung semiconductor
CL05C101JB5NNNC SAMSUNG-CL05C101JB5NNNC Datasheet
82Kb / 2P
CAP, 100?? 50V, 짹5%, C0G, 0402
CL21B224KBFNNNG SAMSUNG-CL21B224KBFNNNG Datasheet
139Kb / 2P
CAP, 220?? 50V, 짹10%, X7R, 0805
CL21C150JCANNNC SAMSUNG-CL21C150JCANNNC Datasheet
82Kb / 2P
CAP, 15?? 100V, 짹5%, C0G, 0805
CL21F105ZBFNNNE SAMSUNG-CL21F105ZBFNNNE Datasheet
82Kb / 2P
CAP, 1?? -2080%, 50V, Y5V, 0805
CL05C180JB5NNNC SAMSUNG-CL05C180JB5NNNC Datasheet
241Kb / 3P
CAP, 18?? 50V, 짹5%, C0G, 0402
CL10C220JB8NNNC SAMSUNG-CL10C220JB8NNNC Datasheet
237Kb / 3P
CAP, 22?? 50V, 짹 5%, C0G, 0603
CL21A475KBQNNNE SAMSUNG-CL21A475KBQNNNE Datasheet
252Kb / 2P
CAP, 4.7uF, 50V, 짹10%, X5R, 0805
CL21B104KBFNNNE SAMSUNG-CL21B104KBFNNNE Datasheet
83Kb / 2P
CAP, 100?? 50V, 짹10%, X7R, 0805
CL21C102JBCNNNC SAMSUNG-CL21C102JBCNNNC Datasheet
82Kb / 2P
CAP, 1?? 50V, 짹5%, C0G, 0805
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com