Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S75PF Datasheet (PDF) - Integrated Device Technology

IDT71V3557S75PF Datasheet PDF - Integrated Device Technology
Part # IDT71V3557S75PF
Download  IDT71V3557S75PF Download

File Size   996.97 Kbytes
Page   28 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs

IDT71V3557S75PF Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71V3557S75PF Datasheet PDF - Integrated Device Technology

Part # IDT71V3557S75PF
Download  IDT71V3557S75PF Click to download

File Size   996.97 Kbytes
Page   28 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs

IDT71V3557S75PF Datasheet (HTML) - Integrated Device Technology

Back Button IDT71V3557S75PF Datasheet HTML 1Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 2Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 3Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 4Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 5Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 6Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 7Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 8Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 9Page - Integrated Device Technology IDT71V3557S75PF Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT71V3557S75PF Product details

Description
The IDT71V3557/59 are 3.3V high-speed 4,718,592-bit (4.5 Mega-bit) synchronous SRAMs organized as 128K x 36/256K x 18. They are designed to eliminate dead bus cycles when turning the bus around between reads and writes, or writes and reads. Thus they have been given the name ZBTTM, or Zero Bus Turnaround.

Features
◆ 128K x 36, 256K x 18 memory configurations
◆ Supports high performance system speed - 100 MHz (7.5 ns Clock-to-Data Access)
◆ ZBTTM Feature - No dead cycles between write and read cycles
◆ Internally synchronized output buffer enable eliminates the need to control OE
◆ Single R/W (READ/WRITE) control pin
◆ 4-word burst capability (Interleaved or linear)
◆ Individual byte write (BW1 - BW4) control (May tie active)
◆ Three chip enables for simple depth expansion
◆ 3.3V power supply (±5%), 3.3V (±5%) I/O Supply (VDDQ)
◆ Optional Boundary Scan JTAG Interface (IEEE 1149.1 complaint)
◆ Packaged in a JEDEC Standard 100-pin plastic thin quad flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch ball grid array (fBGA)




Similar Part No. - IDT71V3557S75PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S75PFG IDT-IDT71V3557S75PFG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557S75PFGI IDT-IDT71V3557S75PFGI Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results


Similar Description - IDT71V3557S75PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com