Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W02GM Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

W02GM Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # W02GM
Download  W02GM Download

File Size   68.99 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers

W02GM Datasheet (PDF)

Go To PDF Page Download Datasheet
W02GM Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # W02GM
Download  W02GM Click to download

File Size   68.99 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers

W02GM Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

W02GM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd W02GM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd

W02GM Product details

Voltage Range 50 to 1000 Volts
Current 1.5 Amperes

Features
UL Recognized File # E-96005
Glass passivated junction
Surge overload ratings to 50 amperes peak
Ideal for printed circuit board
Reliable low cost construction technique results in inexpensive product
High temperature soldering guaranteed: 260℃/ 10 seconds / 0.375” ( 9.5mm )
        lead length at 5 lbs. ( 2.3 Kg ) tension

Mechanical Data
Case: Molded plastic
Lead: Solder plated
Polarity: As marked
Weight: 1.10 grams



Similar Part No. - W02GM

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
W02GM SSC-W02GM Datasheet
276Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifiers
More results


Similar Description - W02GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DB154G TSC-DB154G Datasheet
98Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G Datasheet
59Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_1 Datasheet
212Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
W005MG JGD-W005MG Datasheet
124Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com