Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC75174BDW Datasheet (PDF) - ON Semiconductor

MC75174BDW Datasheet PDF - ON Semiconductor
Part # MC75174BDW
Download  MC75174BDW Download

File Size   180.31 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description QUAD EIA-485 LINE DRIVERS

MC75174BDW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC75174BDW Datasheet PDF - ON Semiconductor

Part # MC75174BDW
Download  MC75174BDW Click to download

File Size   180.31 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description QUAD EIA-485 LINE DRIVERS

MC75174BDW Datasheet (HTML) - ON Semiconductor

Back Button MC75174BDW Datasheet HTML 1Page - ON Semiconductor MC75174BDW Datasheet HTML 2Page - ON Semiconductor MC75174BDW Datasheet HTML 3Page - ON Semiconductor MC75174BDW Datasheet HTML 4Page - ON Semiconductor MC75174BDW Datasheet HTML 5Page - ON Semiconductor MC75174BDW Datasheet HTML 6Page - ON Semiconductor MC75174BDW Datasheet HTML 7Page - ON Semiconductor MC75174BDW Datasheet HTML 8Page - ON Semiconductor MC75174BDW Datasheet HTML 9Page - ON Semiconductor MC75174BDW Datasheet HTML 10Page - ON Semiconductor Next Button 

MC75174BDW Product details

The ON Semiconductor MC75172B/174B Quad Line drivers are differential high speed drivers designed to comply with the EIA−485 Standard. Features include three−state outputs, thermal shutdown, and output current limiting in both directions. These devices also comply with EIA−422−A, and CCITT Recommendations V.11 and X.27. The MC75172B/174B are optimized for balanced multipoint bus transmission at rates in excess of 10 MBPS. The outputs feature wide common mode voltage range, making them suitable for party line applications in noisy environments. The current limit and thermal shutdown features protect the devices from line fault conditions. These devices offer optimum performance when used with the

MC75173 and MC75175 line receivers. Both devices are available in 16−pin plastic PDIP and 20−pin wide body surface mount packages.



Features

• Meets EIA−485 Standard for Party Line Operation

• Meets EIA−422−A and CCITT Recommendations V.11 and X.27

• Operating Ambient Temperature: −40°C to +85°C

• High Impedance Outputs

• Common Mode Output Voltage Range: −7.0 to 12 V

• Positive and Negative Current Limiting

• Transmission Rates in Excess of 10 MBPS

• Thermal Shutdown at 150°C Junction Temperature, (±20°C)

• Single 5.0 V Supply

• Pin Compatible with TI SN75172/4 and NS A96172/4

• Interchangeable with MC3487 and AM26LS31 for EIA−422−A Applications

• Pb−Free Packages are Available




Similar Part No. - MC75174BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174BDW ONSEMI-MC75174BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDW ONSEMI-MC75174BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BDW MOTOROLA-MC75174BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BDWG ONSEMI-MC75174BDWG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDWR2 ONSEMI-MC75174BDWR2 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results


Similar Description - MC75174BDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com