Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7660 Datasheet (PDF) - ON Semiconductor

MC7660 Datasheet PDF - ON Semiconductor
Part # MC7660
Download  MC7660 Download

File Size   191.25 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Charge Pump DC-to-DC Voltage Converter

MC7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC7660 Datasheet PDF - ON Semiconductor

Part # MC7660
Download  MC7660 Click to download

File Size   191.25 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Charge Pump DC-to-DC Voltage Converter

MC7660 Datasheet (HTML) - ON Semiconductor

Back Button MC7660 Datasheet HTML 1Page - ON Semiconductor MC7660 Datasheet HTML 2Page - ON Semiconductor MC7660 Datasheet HTML 3Page - ON Semiconductor MC7660 Datasheet HTML 4Page - ON Semiconductor MC7660 Datasheet HTML 5Page - ON Semiconductor MC7660 Datasheet HTML 6Page - ON Semiconductor MC7660 Datasheet HTML 7Page - ON Semiconductor MC7660 Datasheet HTML 8Page - ON Semiconductor MC7660 Datasheet HTML 9Page - ON Semiconductor MC7660 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC7660 Product details

The MC7660 is a pin-compatible replacement for the Industry standard ICL7660 charge pump voltage converter. It converts a +1.5 V to +10 V input to a corresponding -1.5 V to -10 V output using only two low-cost capacitors, eliminating inductors and their associated cost, size and EMI.
The on-board oscillator operates at a nominal frequency of 10 kHz. Operation below 10 kHz (for lower supply current applications) is possible by connecting an external capacitor from OSC to ground (with pin 1 open).
The MC7660 is available in an 8-pin SOIC package in extended temperature range.

Features
• Converts +5.0 V Supply to -5.0 V Supply
• Wide Input Voltage Range: 1.5 V to 10 V
• Efficient Voltage Conversion: 99.9%
• Excellent Power Efficiency: 98%
• Low Power Supply: 80 µA @ 5.0 VIN
• Low Cost and Easy to Use - Only Two External Capacitors Required
• Available in Small Outline (SO) Package
• ESD Protection: ≥ 2.5 kV
• No Dx Diode Required for High Voltage Operation

Typical Applications
• RS-232 Negative Bias
• Display Bias
• Data Acquisition Negative Supply Generation




Similar Part No. - MC7660

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MC7601 VBSEMI-MC7601 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
MC7602 VBSEMI-MC7602 Datasheet
1,007Kb / 8P
   N-Channel 30 V (D-S) MOSFET
MC7603 VBSEMI-MC7603 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
MC7605 VBSEMI-MC7605 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
MC7619 VBSEMI-MC7619 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results


Similar Description - MC7660

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com