Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDB24020CA Datasheet (PDF) - Schneider Electric

EDB24020CA Datasheet PDF - Schneider Electric
Part # EDB24020CA
Download  EDB24020CA Download

File Size   108.3 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description E-Frame Brkr 20A, 2P, 480Y/277V, 18/25kA, Bolton Mnt

EDB24020CA Datasheet (PDF)

Go To PDF Page Download Datasheet
EDB24020CA Datasheet PDF - Schneider Electric

Part # EDB24020CA
Download  EDB24020CA Click to download

File Size   108.3 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description E-Frame Brkr 20A, 2P, 480Y/277V, 18/25kA, Bolton Mnt

EDB24020CA Datasheet (HTML) - Schneider Electric

EDB24020CA Datasheet HTML 1Page - Schneider Electric EDB24020CA Datasheet HTML 2Page - Schneider Electric



Similar Part No. - EDB24020CA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EDB24020 SCHNEIDER-EDB24020 Datasheet
115Kb / 3P
   E Frame, circuit breaker, 20 A, 2 pole, 480Y/277 V, 18/25 kA, bolt on
EDB24020B SCHNEIDER-EDB24020B Datasheet
56Kb / 1P
   MINIATURE CIRCUIT BREAKER 480Y/277V 20A
EDB24020LH SCHNEIDER-EDB24020LH Datasheet
108Kb / 2P
   E-Frame Brkr 20A, 2P, 480Y/277V, 18/25kA, Bolton Mnt, High Amp Lugs
EDB24020SA SCHNEIDER-EDB24020SA Datasheet
130Kb / 2P
   E-Frame Brkr 20A, 2P, 480Y/277V, 18/25kA, Bolton Mnt, Shunt Trip
More results


Similar Description - EDB24020CA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EDB24020SA SCHNEIDER-EDB24020SA Datasheet
130Kb / 2P
   E-Frame Brkr 20A, 2P, 480Y/277V, 18/25kA, Bolton Mnt, Shunt Trip
EDB24045 SCHNEIDER-EDB24045 Datasheet
135Kb / 2P
   E-Frame Brkr 45A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24090 SCHNEIDER-EDB24090 Datasheet
135Kb / 2P
   E-Frame Brkr 90A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24035 SCHNEIDER-EDB24035 Datasheet
135Kb / 2P
   E-Frame Brkr 35A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24015CA SCHNEIDER-EDB24015CA Datasheet
114Kb / 2P
   E-Frame Brkr 15A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24025 SCHNEIDER-EDB24025 Datasheet
113Kb / 2P
   E-Frame Brkr 25A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24070 SCHNEIDER-EDB24070 Datasheet
122Kb / 2P
   E-Frame Brkr 70A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24030CA SCHNEIDER-EDB24030CA Datasheet
107Kb / 2P
   E-Frame Brkr 30A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
EDB34020CA SCHNEIDER-EDB34020CA Datasheet
121Kb / 2P
   E-Frame Brkr 20A, 3P, 480Y/277V, 18/25kA, Bolton Mnt
EDB24080 SCHNEIDER-EDB24080 Datasheet
135Kb / 2P
   E-Frame Brkr 80A, 2P, 480Y/277V, 18/25kA, Bolton Mnt
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com