Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200060241 Datasheet (PDF) - Molex Electronics Ltd.

1200060241 Datasheet PDF - Molex Electronics Ltd.
Part # 1200060241
Download  1200060241 Download

File Size   29.23 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-Change (M12) Single-Ended Cordset, 3 Poles

1200060241 Datasheet (PDF)

Go To PDF Page Download Datasheet
1200060241 Datasheet PDF - Molex Electronics Ltd.

Part # 1200060241
Download  1200060241 Click to download

File Size   29.23 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-Change (M12) Single-Ended Cordset, 3 Poles

1200060241 Datasheet (HTML) - Molex Electronics Ltd.

1200060241 Datasheet HTML 1Page - Molex Electronics Ltd. 1200060241 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - 1200060241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200060240 MOLEX-1200060240 Datasheet
32Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 0.34mm² Black PVC Cable, 2.0m (6.56) Length
01/31/2023
1200060242 MOLEX-1200060242 Datasheet
29Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail
More results


Similar Description - 1200060241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200062799 MOLEX-1200062799 Datasheet
29Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles
1200698594 MOLEX-1200698594 Datasheet
42Kb / 2P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698604 MOLEX-1200698604 Datasheet
42Kb / 1P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698629 MOLEX-1200698629 Datasheet
44Kb / 1P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698591 MOLEX-1200698591 Datasheet
42Kb / 2P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698602 MOLEX-1200698602 Datasheet
43Kb / 1P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698593 MOLEX-1200698593 Datasheet
42Kb / 2P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698613 MOLEX-1200698613 Datasheet
43Kb / 1P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698605 MOLEX-1200698605 Datasheet
42Kb / 1P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
1200698615 MOLEX-1200698615 Datasheet
43Kb / 1P
   Micro-Change (M12) Single-Ended Cordset with Knurled Hexnut, 3 Poles
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com