Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4437 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

AO4437 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # AO4437
Download  AO4437 Download

File Size   1871.53 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 20-V (D-S) MOSFET

AO4437 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4437 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # AO4437
Download  AO4437 Click to download

File Size   1871.53 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 20-V (D-S) MOSFET

AO4437 Datasheet (HTML) - VBsemi Electronics Co.,Ltd

AO4437 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AO4437 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd

AO4437 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
   Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Built in ESD Protection with Zener Diode
• Typical ESD Performance: 1800 V
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Portable Devices
   - Load Switch
   - Battery Switch
   - Charger Switch




Similar Part No. - AO4437

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4437 AOSMD-AO4437 Datasheet
115Kb / 3P
   P-Channel Enhancement Mode Field Effect Transistor
AO4437 AOSMD-AO4437 Datasheet
170Kb / 4P
   12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4437 WHXPCB-AO4437 Datasheet
1Mb / 4P
   12V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4437 KEXIN-AO4437 Datasheet
1Mb / 4P
   P-Channel MOSFET
AO4437-HF KEXIN-AO4437-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results


Similar Description - AO4437

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com