Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6EDL04X06XT Datasheet (PDF) - Infineon Technologies AG

6EDL04X06XT Datasheet PDF - Infineon Technologies AG
Part # 6EDL04X06XT
Download  6EDL04X06XT Download

File Size   853.61 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)

6EDL04X06XT Datasheet (PDF)

Go To PDF Page Download Datasheet
6EDL04X06XT Datasheet PDF - Infineon Technologies AG

Part # 6EDL04X06XT
Download  6EDL04X06XT Click to download

File Size   853.61 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)

6EDL04X06XT Datasheet (HTML) - Infineon Technologies AG

Back Button 6EDL04X06XT Datasheet HTML 1Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 2Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 3Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 4Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 5Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 6Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 7Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 8Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 9Page - Infineon Technologies AG 6EDL04X06XT Datasheet HTML 10Page - Infineon Technologies AG Next Button 



Similar Part No. - 6EDL04X06XT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6EDL04X06XT INFINEON-6EDL04X06XT Datasheet
853Kb / 22P
   200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)
Version 2.7 2019-03-21
More results


Similar Description - 6EDL04X06XT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6EDL04 INFINEON-6EDL04 Datasheet
853Kb / 22P
   200 V and 600 V three-phase gate driver with Over Current Protection (OCP), Enable (EN), Fault and Integrated Bootstrap Diode (BSD)
Version 2.7 2019-03-21
IR213 INFINEON-IR213 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
IR21364PBF INFINEON-IR21364PBF Datasheet
708Kb / 20P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
May 31, 2016
6ED2230S12T INFINEON-6ED2230S12T Datasheet
3Mb / 29P
   1200 V Three Phase Gate Driver with Integrated Bootstrap Diode and OCP
2020-03-10 revision:1.3
2EDL23 INFINEON-2EDL23 Datasheet
2Mb / 21P
   600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
Version 2.7 2020-07-07
6ED2231S12T INFINEON-6ED2231S12T Datasheet
1Mb / 25P
   1200 V Three Phase Gate Driver for IGBT/SiC with Integrated Bootstrap Diode and OCP
V 1.2 2022-09-19
2ED2304S06F INFINEON-2ED2304S06F Datasheet
1Mb / 14P
   650 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
Version 2.6 2020-07-07
6ED2742S01Q INFINEON-6ED2742S01Q Datasheet
2Mb / 36P
   160 V pre-regulated three phase SOI gate driver with integrated charge pump, current sense amplifier, over-current protection, and bootstrap diodes
V 1.0 2022-04-10
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
   600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
IRS2807DS INFINEON-IRS2807DS Datasheet
2Mb / 26P
   600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com