Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G09DF Datasheet (PDF) - ON Semiconductor

MC74VHC1G09DF Datasheet PDF - ON Semiconductor
Part # MC74VHC1G09DF
Download  MC74VHC1G09DF Download

File Size   195.04 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Input AND Gate with Open Drain Output

MC74VHC1G09DF Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G09DF Datasheet PDF - ON Semiconductor

Part # MC74VHC1G09DF
Download  MC74VHC1G09DF Click to download

File Size   195.04 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Input AND Gate with Open Drain Output

MC74VHC1G09DF Datasheet (HTML) - ON Semiconductor

MC74VHC1G09DF Datasheet HTML 1Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 2Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 3Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 4Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 5Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 6Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 7Page - ON Semiconductor MC74VHC1G09DF Datasheet HTML 8Page - ON Semiconductor

MC74VHC1G09DF Product details

The MC74VHC1G09 is an advanced high speed CMOS 2−input AND gate with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including an open drain output which provides the capability to set output switching level. This allows the MC74VHC1G09 to be used to interface 5 V circuits to circuits of any voltage between VCC and 7 V using an external resistor and power supply.
The MC74VHC1G09 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.

Features
• High Speed: tPD = 4.3 ns (Typ) at VCC = 5 V
• Low Internal Power Dissipation: ICC = 1 A (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 62; Equivalent Gates = 16
• Pb−Free Packages are Available




Similar Part No. - MC74VHC1G09DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G09DF ONSEMI-MC74VHC1G09DF Datasheet
79Kb / 6P
   2?묲nput AND Gate with Open Drain Output
January, 2007 ??Rev. 16
MC74VHC1G09DF ONSEMI-MC74VHC1G09DF Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
logo
E-Tech Electronics LTD
MC74VHC1G09DFT1 ETL-MC74VHC1G09DFT1 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09DFT1 ONSEMI-MC74VHC1G09DFT1 Datasheet
79Kb / 6P
   2?묲nput AND Gate with Open Drain Output
January, 2007 ??Rev. 16
MC74VHC1G09DFT1G ONSEMI-MC74VHC1G09DFT1G Datasheet
79Kb / 6P
   2?묲nput AND Gate with Open Drain Output
January, 2007 ??Rev. 16
More results


Similar Description - MC74VHC1G09DF

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
   2-input AND gate with open-drain output
Rev. 01-26 September 2005
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com