Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA27000 Datasheet (PDF) - Fairchild Semiconductor

RMPA27000 Datasheet PDF - Fairchild Semiconductor
Part # RMPA27000
Download  RMPA27000 Download

File Size   248.41 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 27-29 GHZ 1.8 Watt Power Amplifier MMIC

RMPA27000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RMPA27000 Datasheet PDF - Fairchild Semiconductor

Part # RMPA27000
Download  RMPA27000 Click to download

File Size   248.41 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 27-29 GHZ 1.8 Watt Power Amplifier MMIC

RMPA27000 Datasheet (HTML) - Fairchild Semiconductor

RMPA27000 Datasheet HTML 1Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 2Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 3Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 4Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 5Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 6Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 7Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 8Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 9Page - Fairchild Semiconductor



Similar Part No. - RMPA27000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2059 FAIRCHILD-RMPA2059 Datasheet
246Kb / 7P
   WCDMA PowerEdge Power Amplifier Module
RMPA2259 FAIRCHILD-RMPA2259 Datasheet
235Kb / 11P
   28 dBm WCDMA PowerEdge Power Amplifier Module
RMPA2263 FAIRCHILD-RMPA2263 Datasheet
135Kb / 7P
   WCDMA Power Amplifier Module 1920-1980 MHz
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
   Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
RMPA2266 FAIRCHILD-RMPA2266 Datasheet
198Kb / 7P
   WCDMA Band I Power Amplifier Module
More results


Similar Description - RMPA27000

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
   27-29 GHz GaAs MMIC Power Amplifier
logo
Fairchild Semiconductor
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
   29-31 GHZ 2 Watt Power Amplifier MMIC
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
   27-30 GHZ 1 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH462 HITTITE-HMC-APH462_09 Datasheet
235Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC-APH460 HITTITE-HMC-APH460 Datasheet
226Kb / 6P
   GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
   27- 32 GHz 0.7 Watt Power Amplifier
TGA1073B-SCC TRIQUINT-TGA1073B-SCC_15 Datasheet
441Kb / 7P
   27 32 GHz 0.7 Watt Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com