Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA3882E Datasheet (PDF) - Fairchild Semiconductor

KA3882E Datasheet PDF - Fairchild Semiconductor
Part # KA3882E
Download  KA3882E Download

File Size   48.12 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SMPS Controller

KA3882E Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3882E Datasheet PDF - Fairchild Semiconductor

Part # KA3882E
Download  KA3882E Click to download

File Size   48.12 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SMPS Controller

KA3882E Datasheet (HTML) - Fairchild Semiconductor

KA3882E Datasheet HTML 1Page - Fairchild Semiconductor KA3882E Datasheet HTML 2Page - Fairchild Semiconductor KA3882E Datasheet HTML 3Page - Fairchild Semiconductor KA3882E Datasheet HTML 4Page - Fairchild Semiconductor KA3882E Datasheet HTML 5Page - Fairchild Semiconductor KA3882E Datasheet HTML 6Page - Fairchild Semiconductor

KA3882E Product details

Description

The KA3882E/KA3883E is a fixed PWM controller for Off-Line and DC to DC converter applications. The internal circuits include a UVLO, a low start-up current circuit, a temperature compensated reference, a high gain error amplifier, a current sensing comparator, and the high current

totem-pole output for driving a POWER MOSFET. Also the KA3882E/KA3883E provides low start-up current below 0.3mA and short shutdown delay time typ. 100ns. The KA3882E has UVLO threshold of 16V(on) and 10V(off). The KA3883E is 8.4V(on) and 7.6V(off). The KA3882E and

KA3883E can operate within 100% duty cycle.



Features

• Low start current 0.2mA (typ)

• Operating range up to 500kHz

• Cycle by cycle current limiting

• Under voltage lock out with hysteresis

• Short shutdown delay time: typ.100ns

• High current totem-pole output

• Output swing limiting: 22V



Similar Part No. - KA3882E

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KA3882 FAIRCHILD-KA3882 Datasheet
69Kb / 5P
   SMPS CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
KA3882 ETC2-KA3882 Datasheet
2Mb / 31P
   SEMICONDUCTORS
Fairchild Semiconductor
Fairchild Semiconductor
KA3882C FAIRCHILD-KA3882C Datasheet
43Kb / 6P
   SMPS Controller
KA3882C FAIRCHILD-KA3882C Datasheet
48Kb / 6P
   SMPS Controller
KA3882C FAIRCHILD-KA3882C Datasheet
48Kb / 6P
   SMPS Controller
More results

Similar Description - KA3882E

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
ON Semiconductor
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
Fairchild Semiconductor
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
ARTSCHIP ELECTRONICS CO.,LMITED.
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com