Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVS1IMA12O Datasheet (PDF) - Schneider Electric

TVS1IMA12O Datasheet PDF - Schneider Electric
Part # TVS1IMA12O
Download  TVS1IMA12O Download

File Size   59.52 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - 120kA - 120/240VAC - 1P3W - T2

TVS1IMA12O Datasheet (PDF)

Go To PDF Page Download Datasheet
TVS1IMA12O Datasheet PDF - Schneider Electric

Part # TVS1IMA12O
Download  TVS1IMA12O Click to download

File Size   59.52 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - 120kA - 120/240VAC - 1P3W - T2

TVS1IMA12O Datasheet (HTML) - Schneider Electric

TVS1IMA12O Datasheet HTML 1Page - Schneider Electric TVS1IMA12O Datasheet HTML 2Page - Schneider Electric



Similar Part No. - TVS1IMA12O

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TVS1IMA16O SCHNEIDER-TVS1IMA16O Datasheet
101Kb / 2P
   Surge Protect - IMA - 160kA - 120/240VAC - 1P3W - T2
More results


Similar Description - TVS1IMA12O

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HL1IMA12C SCHNEIDER-HL1IMA12C Datasheet
152Kb / 2P
   Surge Protect - IMA - HL - 120kA - 120/240VAC - 1P3W - T2
HR1IMA12C SCHNEIDER-HR1IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 120/240VAC - 1P3W - T2
QMB1IMA12 SCHNEIDER-QMB1IMA12 Datasheet
100Kb / 2P
   Surge Protect - QMB - IMA - 120kA - 120/240VAC - 1P3W
TVS1IMA16O SCHNEIDER-TVS1IMA16O Datasheet
101Kb / 2P
   Surge Protect - IMA - 160kA - 120/240VAC - 1P3W - T2
TVS1IMA24O SCHNEIDER-TVS1IMA24O Datasheet
101Kb / 2P
   Surge Protect - IMA - 240kA - 120/240VAC - 1P3W - T2
HL1IMA12C1 SCHNEIDER-HL1IMA12C1 Datasheet
152Kb / 2P
   Surge Protect - IMA - HL - 120kA - 120/240VAC - 1P3W - T1
MA1IMA12 SCHNEIDER-MA1IMA12 Datasheet
100Kb / 2P
   Surge mod IMA - 120kA - 120/240VAC - 1P3W - T2 - CSA
HR1IMA12C1 SCHNEIDER-HR1IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 120/240VAC - 1P3W - T1
HR1IMA16C SCHNEIDER-HR1IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 120/240VAC - 1P3W - T2
HR1IMA24C SCHNEIDER-HR1IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 120/240VAC - 1P3W - T2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com