Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR9IMA16C Datasheet (PDF) - Schneider Electric

HR9IMA16C Datasheet PDF - Schneider Electric
Part # HR9IMA16C
Download  HR9IMA16C Download

File Size   153.84 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - HR - 160kA - 600VAC delta - 3P3W - T2

HR9IMA16C Datasheet (PDF)

Go To PDF Page Download Datasheet
HR9IMA16C Datasheet PDF - Schneider Electric

Part # HR9IMA16C
Download  HR9IMA16C Click to download

File Size   153.84 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - HR - 160kA - 600VAC delta - 3P3W - T2

HR9IMA16C Datasheet (HTML) - Schneider Electric

HR9IMA16C Datasheet HTML 1Page - Schneider Electric HR9IMA16C Datasheet HTML 2Page - Schneider Electric



Similar Part No. - HR9IMA16C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR9IMA16C1 SCHNEIDER-HR9IMA16C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 600VAC delta - 3P3W - T1
More results


Similar Description - HR9IMA16C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TVS9IMA16O SCHNEIDER-TVS9IMA16O Datasheet
100Kb / 2P
   Surge Protect - IMA - 160kA - 600VAC delta - 3P3W - T2
HR5IMA16C SCHNEIDER-HR5IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 480VAC delta - 3P3W - T2
HR6IMA16C SCHNEIDER-HR6IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 240VAC delta - 3P3W - T2
HR9IMA16C1 SCHNEIDER-HR9IMA16C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 600VAC delta - 3P3W - T1
HR9IMA10C SCHNEIDER-HR9IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 600VAC delta - 3P3W - T2
HR9IMA18C SCHNEIDER-HR9IMA18C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 180kA - 600VAC delta - 3P3W - T2
HR9IMA12C SCHNEIDER-HR9IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 600VAC delta - 3P3W - T2
TVS8HIMA16O SCHNEIDER-TVS8HIMA16O Datasheet
98Kb / 2P
   Surge Protect - IMA - HRG - 160kA - 600VAC delta - 3P3W - T2
TVS5IMA16O SCHNEIDER-TVS5IMA16O Datasheet
101Kb / 2P
   Surge Protect - IMA - 160kA - 480VAC delta - 3P3W - T2
TVS6IMA16O SCHNEIDER-TVS6IMA16O Datasheet
100Kb / 2P
   Surge Protect - IMA - 160kA - 240VAC delta - 3P3W - T2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com