Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5Y416CWG-85HI Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M5Y416CWG-85HI Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M5M5Y416CWG-85HI
Download  M5M5Y416CWG-85HI Download
File Size   87.7 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM

M5M5Y416CWG-85HI Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5Y416CWG-85HI Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M5M5Y416CWG-85HI
Download  M5M5Y416CWG-85HI Click to download

File Size   87.7 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM

M5M5Y416CWG-85HI Datasheet (HTML) - Mitsubishi Electric Semiconductor


M5M5Y416CWG-85HI Product details

DESCRIPTION
The M5M5Y416C is a family of low voltage 4-Mbit static RAMs organized as 262144-words by 16-bit, fabricated by Mitsubishis high-performance 0.18µm CMOS technology .
The M5M5Y416C is suitable for memory applications where a simple interfacing , battery operating and battery backup are the important design objectives.
M5M5Y416CWG is packaged in a CSP (chip scale package), with the outline of 7.0mm x 8.5mm, ball matrix of 6 x 8 (48ball) and ball pitch of 0.75mm. It gives the best solution for a compaction of mounting area as well as flexibility of wiring pattern of printed circuit boards.

FEATURES
- Single 1.65~2.3V power supply
- Small stand-by current: 0.2µA (2.0V, ty p.)
- No clocks, No ref resh
- Data retention supply voltage =1.3V
- All inputs and outputs are TTL compatible.
- Easy memory expansion by S1, S2, BC1 and BC2
- Common Data I/O
- Three-state outputs: OR-tie capability
- OE prev ents data contention in the I/O bus
- Process technology: 0.18µm CMOS
- Package: 48ball 7.0mm x 8.5mm CSP




Similar Part No. - M5M5Y416CWG-85HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Similar Description - M5M5Y416CWG-85HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BWG MITSUBISHI-M5M5V416BWG Datasheet
107Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
252Kb / 9P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com