Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH8U2W Datasheet (PDF) - Schneider Electric

PH8U2W Datasheet PDF - Schneider Electric
Part # PH8U2W
Download  PH8U2W Download
File Size   60.13 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description APC Home Office SurgeArrest 8 Outlets with 2 USB Charging Ports (5V, 2.4A in total), 120V White

PH8U2W Datasheet (PDF)

Go To PDF Page Download Datasheet
PH8U2W Datasheet PDF - Schneider Electric

Part # PH8U2W
Download  PH8U2W Click to download

File Size   60.13 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description APC Home Office SurgeArrest 8 Outlets with 2 USB Charging Ports (5V, 2.4A in total), 120V White

PH8U2W Datasheet (HTML) - Schneider Electric




Similar Part No. - PH8U2W

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PH8U2 SCHNEIDER-PH8U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 8 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
More results


Similar Description - PH8U2W

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
P8GT SCHNEIDER-P8GT Datasheet
82Kb / 2P
APC Power-Saving Home/Office SurgeArrest, 8 Outlets with Phone Protection, 120V
P11GTV SCHNEIDER-P11GTV Datasheet
71Kb / 2P
APC Power-Saving Performance SurgeArrest, 11 Outlets with Phone and Video Protection, 120V
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
PH8U2 SCHNEIDER-PH8U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 8 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
PH8W SCHNEIDER-PH8W Datasheet
60Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V White
PH12U2 SCHNEIDER-PH12U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
PH12U2W SCHNEIDER-PH12U2W Datasheet
59Kb / 2P
APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V White
PH12W SCHNEIDER-PH12W Datasheet
60Kb / 2P
APC Home Office SurgeArrest 12 Outlets, 120V White
PRO8T2MP12B SCHNEIDER-PRO8T2MP12B Datasheet
56Kb / 2P
APC PROFESSIONAL SURGEARREST 8 OUTLET W/TEL2 BLACK 120V
BE850M2 SCHNEIDER-BE850M2 Datasheet
83Kb / 2P
APC Back-UPS BE850M2, 850VA, 2 USB charging ports, 120V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com