Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC1GU04 Datasheet (PDF) - ON Semiconductor

MC74HC1GU04 Datasheet PDF - ON Semiconductor
Part # MC74HC1GU04
Download  MC74HC1GU04 Download

File Size   65.39 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Unbuffered Inverter

MC74HC1GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC1GU04 Datasheet PDF - ON Semiconductor

Part # MC74HC1GU04
Download  MC74HC1GU04 Click to download

File Size   65.39 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Unbuffered Inverter

MC74HC1GU04 Datasheet (HTML) - ON Semiconductor


MC74HC1GU04 Product details

Single Unbuffered Inverter

The MC74HC1GU04 is a high speed CMOS unbuffered inverter fabricated with silicon gate CMOS technology.
The MC74HC1GU04 output drive current is 1/2 compared to MC74HC series.

• High Speed: tPD = 7 ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 1 μA (Max) at TA = 25°C
• High Noise Immunity
• Balanced Propagation Delays (tpLH = tpHL)
• Symmetrical Output Impedance (IOH = IOL = 2 mA)
• Chip Complexity: FET = 105
• Pb−Free Packages are Available




Similar Part No. - MC74HC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
290Kb / 10P
   Single Unbuffered Inverter
April, 2022 ??Rev. 14
MC74HC1GU04DBVT1G ONSEMI-MC74HC1GU04DBVT1G Datasheet
290Kb / 10P
   Single Unbuffered Inverter
April, 2022 ??Rev. 14
MC74HC1GU04DFT1G ONSEMI-MC74HC1GU04DFT1G Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
MC74HC1GU04DFT1G ONSEMI-MC74HC1GU04DFT1G Datasheet
290Kb / 10P
   Single Unbuffered Inverter
April, 2022 ??Rev. 14
More results


Similar Description - MC74HC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
logo
ON Semiconductor
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
   Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com