Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet (PDF) - Intersil Corporation

EL2021 Datasheet PDF - Intersil Corporation
Part # EL2021
Download  EL2021 Download

File Size   363.67 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic Pin Driver

EL2021 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2021 Datasheet PDF - Intersil Corporation

Part # EL2021
Download  EL2021 Click to download

File Size   363.67 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic Pin Driver

EL2021 Datasheet (HTML) - Intersil Corporation


EL2021 Product details

The EL2021 is designed to drive programmed voltages into difficult loads. It has the required circuitry to be used as the pin driver electronics in board test systems. Capable of overpowering logic outputs, the part can accurately drive independently set high and low levels with programmed Slew Rates into reactive loads. It can also be placed into high impedance to monitor the load without having to disconnect. Previous board testers had multiplexing schemes to reduce the number of pin drivers required. With the small size and power consumption of the monolithic EL2021, a driver per node with little or no multiplexing becomes practical. Since only a few pins of “bed-of-nails” board testers need be active at any given time, the power-down feature saves substantial power in large systems.



Features

• Wide range of programmable analog output levels

• 0.5 Ampere output drive with external transistors

• Programmable Slew Rate

• Low overshoot with large capacitive loads-stable with 500pF

• 3-state output

• Power-down capability

• Wide supply range

• Overcurrent sense



Applications

• Loaded circuit board testers

• Digital testers

• Programmable 4-quadrant power supplies




Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
More results


Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com