Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1056A Datasheet (PDF) - Intersil Corporation

EL1056A Datasheet PDF - Intersil Corporation
Part # EL1056A
Download  EL1056A Download
File Size   479.02 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic High-Speed Pin Driver

EL1056A Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1056A Datasheet PDF - Intersil Corporation

Part # EL1056A
Download  EL1056A Click to download

File Size   479.02 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic High-Speed Pin Driver

EL1056A Datasheet (HTML) - Intersil Corporation


EL1056A Product details

The EL1056 is designed to drive high quality test signals into close or terminated loads. It has a dispersion of 250ps or less — whether due to signal size or direction of edge. It can output a very wide 24V output span, encompassing all logic families as well as analog levels. The EL1056 is fabricated in Elantecs oxide isolated process, which eliminates the possibility of latch-up and provides a very durable circuit.



Features

• Wide ±12V output levels

• 250ps dispersion

• 3ns delay times

• 1V/ns slew rate—adjustable

• Low overshoot and aberrations in 50Ω systems

• Three-state output

• Power-down mode reduces output leakage to nanoamperes

• Overcurrent sense flag available to protect internal output devices

• Buffered analog inputs

• Differential logic inputs are compatible with ECL, TTL, and CMOS



Applications

• Memory testers

• ASIC testers

• Functional board testers

• Analog/digital incoming component verifiers

• Logic emulators



 




Similar Part No. - EL1056A

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
EL1056ACM ELANTEC-EL1056ACM Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
More results


Similar Description - EL1056A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
High Speed, Monolithic Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
Monolithic Pin Driver
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
800MHz Monolithic Pin Driver
September 1998
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com