| Electronic Components Datasheet Search |
|
YFTW1212T Datasheet (PDF) - Hubbell Incorporated. |
YFTW1212T Datasheet (PDF) |
|
Download Datasheet |
| Part # | YFTW1212T |
| Download | YFTW1212T Click to download |
| File Size | 260.02 Kbytes |
| Page | 2 Pages |
| Manufacturer | HUBBELL [Hubbell Incorporated.] |
| Direct Link | https://www.hubbell.com/ |
| Logo | |
| Description | Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 12 AWG, 0.92" L, Tin Plated, Orange, For use on Cu Cond. |
YFTW1212T Datasheet (HTML) - Hubbell Incorporated. |
Similar Part No. - YFTW1212T |
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |