Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG3005NT1 Datasheet (PDF) - NXP Semiconductors

MMG3005NT1 Datasheet PDF - NXP Semiconductors
Part # MMG3005NT1
Download  MMG3005NT1 Download

File Size   456.37 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMG3005NT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMG3005NT1 Datasheet PDF - NXP Semiconductors

Part # MMG3005NT1
Download  MMG3005NT1 Click to download

File Size   456.37 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMG3005NT1 Datasheet (HTML) - NXP Semiconductors


MMG3005NT1 Product details

Heterojunction Bipolar Transistor Technology (InGaP HBT)
Broadband High Linearity Amplifier

The MMG3005NT1 is a general purpose amplifier that is internally prematched and designed for a broad range of Class A, small--signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 800 to 2200 MHz such as cellular, PCS, WLL, PHS, VHF, UHF, UMTS and general small--signal RF.

Features
• Frequency: 800--2200 MHz
• P1dB: 30 dBm @ 2140 MHz
• Small--Signal Gain: 15 dB @ 2140 MHz
• Third Order Output Intercept Point: 47 dBm @ 2140 MHz
• Single 5 V Supply
• Internally Prematched to 50 Ohms
• In Tape and Reel. T1 Suffix = 1,000 Units, 16 mm Tape Width, 13--inch Reel.




Similar Part No. - MMG3005NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
256Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
373Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1_08 Datasheet
373Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Similar Description - MMG3005NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com