Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z5241B Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

MM1Z5241B Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # MM1Z5241B
Download  MM1Z5241B Download

File Size   456.28 Kbytes
Page   3 Pages
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.
Description SURFACE MOUNT ZENER DIODE

MM1Z5241B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1Z5241B Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # MM1Z5241B
Download  MM1Z5241B Click to download

File Size   456.28 Kbytes
Page   3 Pages
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.
Description SURFACE MOUNT ZENER DIODE

MM1Z5241B Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.

MM1Z5241B Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MM1Z5241B Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MM1Z5241B Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.

MM1Z5241B Product details

VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts

FEATURES
* Planar Die Construction
* 500mW Power Dissipation
* General Purpose, Medium Current
* Ldeally Suited for Automated Assembly Processes

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram




Similar Part No. - MM1Z5241B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z5241B SEMTECH_ELEC-MM1Z5241B Datasheet
287Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z5241B HTSEMI-MM1Z5241B Datasheet
676Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Rectron Semiconductor
MM1Z5241B RECTRON-MM1Z5241B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Nanjing International G...
MM1Z5241B DGNJDZ-MM1Z5241B Datasheet
147Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM1Z5241BH ZOWIE-MM1Z5241BH Datasheet
278Kb / 3P
   SILICON PLANAR ZENER DIODES Lead free product Halogen - free type
More results


Similar Description - MM1Z5241B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com