Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H511638D Datasheet (PDF) - Samsung semiconductor

K4H511638D Datasheet PDF - Samsung semiconductor
Part # K4H511638D
Download  K4H511638D Download
File Size   366.45 Kbytes
Page   24 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)

K4H511638D Datasheet (PDF)

Go To PDF Page Download Datasheet
K4H511638D Datasheet PDF - Samsung semiconductor

Part # K4H511638D
Download  K4H511638D Click to download

File Size   366.45 Kbytes
Page   24 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)

K4H511638D Datasheet (HTML) - Samsung semiconductor


K4H511638D Product details

Key Features

• VDD : 2.5V ± 0.2V, VDDQ : 2.5V ± 0.2V for DDR266, 333

• VDD : 2.6V ± 0.1V, VDDQ : 2.6V ± 0.1V for DDR400

• Double-data-rate architecture; two data transfers per clock cycle

• Bidirectional data strobe [DQS] (x4,x8) & [L(U)DQS] (x16)

• Four banks operation

• Differential clock inputs(CK and CK)

• DLL aligns DQ and DQS transition with CK transition

• MRS cycle with address key programs

   -. Read latency : DDR266(2, 2.5 Clock), DDR333(2.5 Clock), DDR400(3 Clock)

   -. Burst length (2, 4, 8)

   -. Burst type (sequential & interleave)

• All inputs except data & DM are sampled at the positive going edge of the system clock(CK)

• Data I/O transactions on both edges of data strobe

• Edge aligned data output, center aligned data input

• LDM,UDM for write masking only (x16)

• DM for write masking only (x4, x8)

• Auto & Self refresh

• 7.8us refresh interval(8K/64ms refresh)

• Maximum burst refresh cycle : 8

• 66pin TSOP II Pb-Free package

• RoHS compliant



 




Similar Part No. - K4H511638D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D SAMSUNG-K4H511638D Datasheet
367Kb / 24P
512Mb D-die DDR SDRAM Specification
K4H511638D SAMSUNG-K4H511638D Datasheet
239Kb / 10P
DDR SDRAM Product Guide
K4H511638D-TCA0 SAMSUNG-K4H511638D-TCA0 Datasheet
669Kb / 53P
128Mb DDR SDRAM
K4H511638D-TCA2 SAMSUNG-K4H511638D-TCA2 Datasheet
669Kb / 53P
128Mb DDR SDRAM
K4H511638D-TCB0 SAMSUNG-K4H511638D-TCB0 Datasheet
669Kb / 53P
128Mb DDR SDRAM
More results


Similar Description - K4H511638D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com