Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9F11132 Datasheet (PDF) - Schneider Electric

M9F11132 Datasheet PDF - Schneider Electric
Part # M9F11132
Download  M9F11132 Download

File Size   92.16 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60N - MCB - 1P - 32 A - C Curve - 240 V - 10 kA

M9F11132 Datasheet (PDF)

Go To PDF Page Download Datasheet
M9F11132 Datasheet PDF - Schneider Electric

Part # M9F11132
Download  M9F11132 Click to download

File Size   92.16 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60N - MCB - 1P - 32 A - C Curve - 240 V - 10 kA

M9F11132 Datasheet (HTML) - Schneider Electric

M9F11132 Datasheet HTML 1Page - Schneider Electric M9F11132 Datasheet HTML 2Page - Schneider Electric M9F11132 Datasheet HTML 3Page - Schneider Electric



Similar Part No. - M9F11132

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F11101 SCHNEIDER-M9F11101 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 1 A - C Curve - 240 V - 10 kA
M9F11102 SCHNEIDER-M9F11102 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 2 A - C Curve - 240 V - 10 kA
M9F11103 SCHNEIDER-M9F11103 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 3 A - C Curve - 240 V - 10 kA
M9F11104 SCHNEIDER-M9F11104 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 4 A - C Curve - 240 V - 10 kA
M9F11106 SCHNEIDER-M9F11106 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 6 A - C Curve - 240 V - 10 kA
More results


Similar Description - M9F11132

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F11110 SCHNEIDER-M9F11110 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 10 A - C Curve - 240 V - 10 kA
M9F12132 SCHNEIDER-M9F12132 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 32 A - D Curve - 240 V - 10 kA
M9F11113 SCHNEIDER-M9F11113 Datasheet
90Kb / 2P
   Multi 9 - C60N - MCB - 1P - 13 A - C Curve - 240 V - 10 kA
M9F11125 SCHNEIDER-M9F11125 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 25 A - C Curve - 240 V - 10 kA
M9F11106 SCHNEIDER-M9F11106 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 6 A - C Curve - 240 V - 10 kA
M9F11103 SCHNEIDER-M9F11103 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 3 A - C Curve - 240 V - 10 kA
M9F11140 SCHNEIDER-M9F11140 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 40 A - C Curve - 240 V - 10 kA
M9F11163 SCHNEIDER-M9F11163 Datasheet
91Kb / 3P
   Multi 9 - C60N - MCB - 1P - 63 A - C Curve - 240 V - 10 kA
M9F11116 SCHNEIDER-M9F11116 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 16 A - C Curve - 240 V - 10 kA
M9F11101 SCHNEIDER-M9F11101 Datasheet
92Kb / 3P
   Multi 9 - C60N - MCB - 1P - 1 A - C Curve - 240 V - 10 kA
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com