Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4390 Datasheet (PDF) - Intersil Corporation

EL4390 Datasheet PDF - Intersil Corporation
Part # EL4390
Download  EL4390 Download

File Size   216.56 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 80MHz Video Amplifier with DC Restore

EL4390 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4390 Datasheet PDF - Intersil Corporation

Part # EL4390
Download  EL4390 Click to download

File Size   216.56 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 80MHz Video Amplifier with DC Restore

EL4390 Datasheet (HTML) - Intersil Corporation

Back Button EL4390 Datasheet HTML 1Page - Intersil Corporation EL4390 Datasheet HTML 2Page - Intersil Corporation EL4390 Datasheet HTML 3Page - Intersil Corporation EL4390 Datasheet HTML 4Page - Intersil Corporation EL4390 Datasheet HTML 5Page - Intersil Corporation EL4390 Datasheet HTML 6Page - Intersil Corporation EL4390 Datasheet HTML 7Page - Intersil Corporation EL4390 Datasheet HTML 8Page - Intersil Corporation EL4390 Datasheet HTML 9Page - Intersil Corporation EL4390 Datasheet HTML 10Page - Intersil Corporation Next Button 

EL4390 Product details

General Description

The EL4390C is three wideband current-mode feedback amplifiers optimized for video performance, each with a DC restore amplifier. The DC restore function is activated by a common TTL/CMOS compatible control signal while each channel has a

separate restore reference. Each amplifier can drive a load of 150X at video signal levels. The EL4390C operates on supplies as low as g4V up to g15V.



Features

● 80 MHz b3 dB bandwidth for gains of 1 to 10

● 800 V/ms slew rate

● 15 MHz bandwidth flat to 0.1 dB

● Excellent differential gain and phase

● TTL/CMOS compatible DC restore function

● Available in 16 lead P-DIP, 16 lead SOL



Applications

● RGB drivers requiring DC restoration

● RGB multiplexers requiring DC restoration

● RGB building blocks

● Video gain blocks requiring DC restoration

● Sync and color burst processing




Similar Part No. - EL4390

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4390 ELANTEC-EL4390 Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
EL4390CM ELANTEC-EL4390CM Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CM RENESAS-EL4390CM Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
More results


Similar Description - EL4390

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
   Triple Video Amplifier
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com