Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGU8062 Datasheet (PDF) - NXP Semiconductors

BGU8062 Datasheet PDF - NXP Semiconductors
Part # BGU8062
Download  BGU8062 Download

File Size   270.57 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description low-noise high-linearity amplifier

BGU8062 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGU8062 Datasheet PDF - NXP Semiconductors

Part # BGU8062
Download  BGU8062 Click to download

File Size   270.57 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description low-noise high-linearity amplifier

BGU8062 Datasheet (HTML) - NXP Semiconductors


BGU8062 Product details

General description
The BGU8062 is, also known as the BTS3001M, a high linearity bypass amplifier for wireless infrastructure applications. The BGU8062 is equipped with fast shutdown to support TDD systems. The LNA has a high input and output return loss and is designed to operate between 1.5 GHz and 2.7 GHz. It is housed in a 3 mm × 3 mm × 0.85 mm 10-terminal plastic thin small outline package. The LNA is ESD protected on all terminals.

Features and benefits
• Low noise performance: NF = 1.3 dB
• High linearity performance: IP3O = 36 dBm
• High input return loss > 12 dB
• High output return loss > 15 dB
• Unconditionally stable up to 20 GHz
• Small 10-terminal leadless package 3 mm × 3 mm × 0.85 mm
• ESD protection on all terminals
• Moisture sensitivity level 1
• Fast shut down to support TDD systems
• +5 V single supply

Applications
• Wireless infrastructure
• Low noise and high linearity applications
• LTE, W-CDMA, CDMA, GSM
• General-purpose wireless applications
• TDD or FDD systems
• Suitable for small cells




Similar Part No. - BGU8062

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
low-noise high-linearity amplifier
Rev. 2-27 January 2017
BGU8063 NXP-BGU8063 Datasheet
584Kb / 17P
low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Similar Description - BGU8062

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com