Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33060AP Datasheet (PDF) - ON Semiconductor

MC33060AP Datasheet PDF - ON Semiconductor
Part # MC33060AP
Download  MC33060AP Download

File Size   209.16 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Fixed Frequency, PWM, Voltage Mode Single Ended Controllers

MC33060AP Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33060AP Datasheet PDF - ON Semiconductor

Part # MC33060AP
Download  MC33060AP Click to download

File Size   209.16 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Fixed Frequency, PWM, Voltage Mode Single Ended Controllers

MC33060AP Datasheet (HTML) - ON Semiconductor

Back Button MC33060AP Datasheet HTML 1Page - ON Semiconductor MC33060AP Datasheet HTML 2Page - ON Semiconductor MC33060AP Datasheet HTML 3Page - ON Semiconductor MC33060AP Datasheet HTML 4Page - ON Semiconductor MC33060AP Datasheet HTML 5Page - ON Semiconductor MC33060AP Datasheet HTML 6Page - ON Semiconductor MC33060AP Datasheet HTML 7Page - ON Semiconductor MC33060AP Datasheet HTML 8Page - ON Semiconductor MC33060AP Datasheet HTML 9Page - ON Semiconductor MC33060AP Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33060AP Product details

Fixed Frequency, PWM, Voltage Mode Single Ended Controllers

The MC34060A is a low cost fixed frequency, pulse width modulation control circuit designed primarily for single−ended SWITCHMODE power supply control.
The MC34060A is specified over the commercial operating temperature range of 0° to +70°C, and the MC33060A is specified over an automotive temperature range of −40° to +85°C.

Features
• Complete Pulse Width Modulation Control Circuitry
• On−Chip Oscillator with Master or Slave Operation
• On−Chip Error Amplifiers
• On−Chip 5.0 V Reference, 1.5% Accuracy
• Adjustable Dead−Time Control
• Uncommitted Output Transistor Rated to 200 mA Source or Sink
• Undervoltage Lockout
• Pb−Free Packages are Available




Similar Part No. - MC33060AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33060AP ONSEMI-MC33060AP Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC33060APG ONSEMI-MC33060APG Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
More results


Similar Description - MC33060AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com