Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34002P Datasheet (PDF) - ON Semiconductor

MC34002P Datasheet PDF - ON Semiconductor
Part # MC34002P
Download  MC34002P Download

File Size   163.76 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description JFET INPUT OPERATIONAL AMPLIFIERS

MC34002P Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34002P Datasheet PDF - ON Semiconductor

Part # MC34002P
Download  MC34002P Click to download

File Size   163.76 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description JFET INPUT OPERATIONAL AMPLIFIERS

MC34002P Datasheet (HTML) - ON Semiconductor

Back Button MC34002P Datasheet HTML 1Page - ON Semiconductor MC34002P Datasheet HTML 2Page - ON Semiconductor MC34002P Datasheet HTML 3Page - ON Semiconductor MC34002P Datasheet HTML 4Page - ON Semiconductor MC34002P Datasheet HTML 5Page - ON Semiconductor MC34002P Datasheet HTML 6Page - ON Semiconductor MC34002P Datasheet HTML 7Page - ON Semiconductor MC34002P Datasheet HTML 8Page - ON Semiconductor MC34002P Datasheet HTML 9Page - ON Semiconductor MC34002P Datasheet HTML 10Page - ON Semiconductor Next Button 

MC34002P Product details

These low cost JFET input operational amplifiers combine two state–of–the–art analog technologies on a single monolithic integrated circuit. Each internally compensated operational amplifier has well matched high voltage JFET input devices for low input offset voltage. The BIFET
technology provides wide bandwidths and fast slew rates with low input bias currents, input offset currents, and supply currents. The ON Semiconductor BIFET family offers single, dual and quad
operational amplifiers which are pin–compatible with the industry standard MC1741, MC1458, and the MC3403/LM324 bipolar devices. The MC34001/34002/34004 series are specified from 0° to +70°C.

• Input Offset Voltage Options of 5.0 mV and 10 mV Maximum
• Low Input Bias Current: 40 pA
• Low Input Offset Current: 10 pA
• Wide Gain Bandwidth: 4.0 MHz
• High Slew Rate: 13 V/µs
• Low Supply Current: 1.4 mA per Amplifier
• High Input Impedance: 1012 Ω
• High Common Mode and Supply Voltage Rejection Ratios: 100 dB
• Industry Standard Pinouts




Similar Part No. - MC34002P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34002P MOTOROLA-MC34002P Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Similar Description - MC34002P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com