Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB325VH35 Datasheet (PDF) - Schneider Electric

QOB325VH35 Datasheet PDF - Schneider Electric
Part # QOB325VH35
Download  QOB325VH35 Download

File Size   129.8 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg

QOB325VH35 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB325VH35 Datasheet PDF - Schneider Electric

Part # QOB325VH35
Download  QOB325VH35 Click to download

File Size   129.8 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg

QOB325VH35 Datasheet (HTML) - Schneider Electric

QOB325VH35 Datasheet HTML 1Page - Schneider Electric QOB325VH35 Datasheet HTML 2Page - Schneider Electric


Similar Part No. - QOB325VH35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB325VH SCHNEIDER-QOB325VH Datasheet
141Kb / 2P
   Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on
QOB325VH1021 SCHNEIDER-QOB325VH1021 Datasheet
142Kb / 2P
   Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB325VH1200 SCHNEIDER-QOB325VH1200 Datasheet
58Kb / 2P
   Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on, Aux Switch 1A
QOB325VH1201 SCHNEIDER-QOB325VH1201 Datasheet
141Kb / 2P
   Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on, Aux Switch 1B
More results


Similar Description - QOB325VH35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB360VH35 SCHNEIDER-QOB360VH35 Datasheet
56Kb / 2P
   Mini CB, QO, 60 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB320VH35 SCHNEIDER-QOB320VH35 Datasheet
149Kb / 2P
   Mini CB, QO, 20 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB3100VH35 SCHNEIDER-QOB3100VH35 Datasheet
57Kb / 2P
   Mini CB, QO, 100 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB3125VH35 SCHNEIDER-QOB3125VH35 Datasheet
57Kb / 2P
   Mini CB, QO, 125 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB3150VH35 SCHNEIDER-QOB3150VH35 Datasheet
161Kb / 2P
   Mini CB, QO, 150 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB350VH35 SCHNEIDER-QOB350VH35 Datasheet
140Kb / 2P
   Mini CB, QO, 50 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB225VH35 SCHNEIDER-QOB225VH35 Datasheet
132Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB330VH35 SCHNEIDER-QOB330VH35 Datasheet
156Kb / 2P
   Mini CB, QO, 30 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB340VH35 SCHNEIDER-QOB340VH35 Datasheet
58Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB325VH SCHNEIDER-QOB325VH Datasheet
141Kb / 2P
   Mini CB, QO, 25 A, 3P, 120/240 V, 22 kA, Bolt on
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com