Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB315VHFT Datasheet (PDF) - Schneider Electric

QOB315VHFT Datasheet PDF - Schneider Electric
Part # QOB315VHFT
Download  QOB315VHFT Download

File Size   56.3 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on, FT

QOB315VHFT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB315VHFT Datasheet PDF - Schneider Electric

Part # QOB315VHFT
Download  QOB315VHFT Click to download

File Size   56.3 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on, FT

QOB315VHFT Datasheet (HTML) - Schneider Electric

QOB315VHFT Datasheet HTML 1Page - Schneider Electric QOB315VHFT Datasheet HTML 2Page - Schneider Electric


Similar Part No. - QOB315VHFT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB315VH SCHNEIDER-QOB315VH Datasheet
123Kb / 2P
   QO mini breaker, 15 A, 3 pole, 120/240 V, 22 kA, bolt on
QOB315VH1021 SCHNEIDER-QOB315VH1021 Datasheet
149Kb / 2P
   Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB315VH1200 SCHNEIDER-QOB315VH1200 Datasheet
141Kb / 2P
   Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on, Aux Switch 1A
QOB315VH1201 SCHNEIDER-QOB315VH1201 Datasheet
145Kb / 2P
   Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on, Aux Switch 1B
QOB315VH5237 SCHNEIDER-QOB315VH5237 Datasheet
125Kb / 2P
   Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on
More results


Similar Description - QOB315VHFT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB315VH5237 SCHNEIDER-QOB315VH5237 Datasheet
125Kb / 2P
   Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on
QOB3150VHFT SCHNEIDER-QOB3150VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 150 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB320VHFT SCHNEIDER-QOB320VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 20 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB330VHFT SCHNEIDER-QOB330VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 30 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB350VHFT SCHNEIDER-QOB350VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 50 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB360VHFT SCHNEIDER-QOB360VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 60 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB3125VHFT SCHNEIDER-QOB3125VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 125 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB380VHFT SCHNEIDER-QOB380VHFT Datasheet
56Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB390VHFT SCHNEIDER-QOB390VHFT Datasheet
114Kb / 2P
   Mini CB, QO, 90 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB340VHFT SCHNEIDER-QOB340VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 22 kA, Bolt on, FT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com