Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3403D Datasheet (PDF) - ON Semiconductor

MC3403D Datasheet PDF - ON Semiconductor
Part # MC3403D
Download  MC3403D Download

File Size   165.3 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS

MC3403D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC3403D Datasheet PDF - ON Semiconductor

Part # MC3403D
Download  MC3403D Click to download

File Size   165.3 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS

MC3403D Datasheet (HTML) - ON Semiconductor

MC3403D Datasheet HTML 1Page - ON Semiconductor MC3403D Datasheet HTML 2Page - ON Semiconductor MC3403D Datasheet HTML 3Page - ON Semiconductor MC3403D Datasheet HTML 4Page - ON Semiconductor MC3403D Datasheet HTML 5Page - ON Semiconductor MC3403D Datasheet HTML 6Page - ON Semiconductor MC3403D Datasheet HTML 7Page - ON Semiconductor MC3403D Datasheet HTML 8Page - ON Semiconductor

MC3403D Product details

The MC3403 is a low cost, quad operational amplifier with true differential inputs. The device has electrical characteristics similar to the popular MC1741C. However, the MC3403 has several distinct advantages over standard operational amplifier types in single supply applications. The quad amplifier can operate at supply voltages as low as 3.0 V or as high as 36 V with quiescent currents about one third of those associated with the MC1741C (on a per amplifier basis). The common mode input range includes the negative supply, thereby eliminating the necessity for external biasing components in many applications. The output voltage range also includes the negative power supply voltage.



Features

• Short Circuit Protected Outputs

• Class AB Output Stage for Minimal Crossover Distortion

• True Differential Input Stage

• Single Supply Operation: 3.0 V to 36 V

• Split Supply Operation: ±1.5 V to ±18 V

• Low Input Bias Currents: 500 nA Max

• Four Amplifiers Per Package

• Internally Compensated

• Similar Performance to Popular MC1741C

• Industry Standard Pin−outs

• ESD Diodes Added for Increased Ruggedness

• Pb−Free Packages are Available



 




Similar Part No. - MC3403D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC3403D STMICROELECTRONICS-MC3403D Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3403D FAIRCHILD-MC3403D Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
359Kb / 13P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Similar Description - MC3403D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com