Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33761 Datasheet (PDF) - ON Semiconductor

MC33761 Datasheet PDF - ON Semiconductor
Part # MC33761
Download  MC33761 Download

File Size   204.33 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control

MC33761 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33761 Datasheet PDF - ON Semiconductor

Part # MC33761
Download  MC33761 Click to download

File Size   204.33 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control

MC33761 Datasheet (HTML) - ON Semiconductor

Back Button MC33761 Datasheet HTML 1Page - ON Semiconductor MC33761 Datasheet HTML 2Page - ON Semiconductor MC33761 Datasheet HTML 3Page - ON Semiconductor MC33761 Datasheet HTML 4Page - ON Semiconductor MC33761 Datasheet HTML 5Page - ON Semiconductor MC33761 Datasheet HTML 6Page - ON Semiconductor MC33761 Datasheet HTML 7Page - ON Semiconductor MC33761 Datasheet HTML 8Page - ON Semiconductor MC33761 Datasheet HTML 9Page - ON Semiconductor MC33761 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33761 Product details

The MC33761 is an Low DropOut (LDO) regulator featuring excellent noise performances. Thanks to its innovative design, the circuit reaches an impressive 40 VRMS noise level without an external bypass capacitor. Housed in a small SOT−23 5 leads−like package, it represents the ideal designer’s choice when space and noise are at premium. The absence of external bandgap capacitor accelerates the response time to a wake−up signal and keeps it within 40 s (in repetitive mode), making the MC33761 as a natural candidate for portable applications.
   
Features
• Ultra−Low Noise: 150 nV/√Hz @ 100 Hz, 40 VRMS
    100 Hz−100 kHz Typical, Iout = 60 mA, Co = 1.0 F
• Fast Response Time from OFF to ON: 40 s Typical at a 200 Hz
    Repetition Rate
• Ready for 1.0 V Platforms: ON with a 900 mV High Level
• Nominal Output Current of 80 mA with a 100 mA Peak Capability
• Typical Dropout of 90 mV @ 30 mA, 160 mV @ 80 mA
• Ripple Rejection: 70 dB @ 1.0 kHz
• 1.5% Output Precision @ 25°C
• Thermal Shutdown
• Vout Available at 2.5 V, 2.8 V, 2.9 V, 3.0 V, 5.0 V
• Operating Range from −40 to +85°C
• Dual Version is Available as MC33762
• Pb−Free Packages are Available
   
Applications
• Noise Sensitive Circuits: VCOs RF Stages, etc.
• Bursting Systems (TDMA Phones)
• All Battery Operated Devices
   




Similar Part No. - MC33761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33761SNT1-025 ONSEMI-MC33761SNT1-025 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-025G ONSEMI-MC33761SNT1-025G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-028 ONSEMI-MC33761SNT1-028 Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
MC33761SNT1-028G ONSEMI-MC33761SNT1-028G Datasheet
408Kb / 13P
   Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2006 ??Rev. 8
More results


Similar Description - MC33761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com