Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1227V8I-2.7A Datasheet (PDF) - Intersil Corporation

X1227V8I-2.7A Datasheet PDF - Intersil Corporation
Part # X1227V8I-2.7A
Download  X1227V8I-2.7A Download

File Size   422.39 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM

X1227V8I-2.7A Datasheet (PDF)

Go To PDF Page Download Datasheet
X1227V8I-2.7A Datasheet PDF - Intersil Corporation

Part # X1227V8I-2.7A
Download  X1227V8I-2.7A Click to download

File Size   422.39 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM

X1227V8I-2.7A Datasheet (HTML) - Intersil Corporation

Back Button X1227V8I-2.7A Datasheet HTML 1Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 2Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 3Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 4Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 5Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 6Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 7Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 8Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 9Page - Intersil Corporation X1227V8I-2.7A Datasheet HTML 10Page - Intersil Corporation Next Button 

X1227V8I-2.7A Product details

DESCRIPTION

The X1227 device is a Real Time Clock with clock/calendar, two polled alarms with integrated 512x8 EEPROM, oscillator compensation, CPU Supervisor (POR/LVS and WDT) and battery backup switch.



FEATURES

• Real Time Clock/Calendar

  — Tracks Time in Hours, Minutes, and Seconds

  — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

  — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

  — Repeat Mode (periodic interrupts)

• Oscillator Compensation on Chip

  — Internal Feedback Resistor and Compensation Capacitors

  — 64 Position Digitally Controlled Trim Capacitor

  — 6 Digital Frequency Adjustment Settings to ±30ppm

• CPU Supervisor Functions

  — Power-On Reset, Low Voltage Sense

  — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

  — 64-Byte Page Write Mode

  — 8 Modes of Block Lock™ Protection 

  — Single Byte Write Capability

• High Reliability

  — Data Retention: 100 Years

  — Endurance: 100,000 Cycles Per Byte

• 2-Wire™ Interface Interoperable with I2C*

  — 400kHz Data Transfer Rate

• Low Power CMOS

  — 1.25µA Operating Current (Typical)

• Small Package Options

  — 8 Ld SOIC and 8 Ld TSSOP

• Repetitive Alarms

• Temperature Compensation

• Pb-Free Plus Anneal Available (RoHS Compliant)



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio/Video Components

• Set Top Box/Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers/PDA

• POS Equipment

• Test Meters/Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial/Medical/Automotive



 




Similar Part No. - X1227V8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1227V8I-2.7A XICOR-X1227V8I-2.7A Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227V8I-2.7A INTERSIL-X1227V8I-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227V8I-2.7A RENESAS-X1227V8I-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results


Similar Description - X1227V8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com