Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V208AKV Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M5V208AKV Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M5M5V208AKV
Download  M5M5V208AKV Download
File Size   90.47 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM

M5M5V208AKV Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5V208AKV Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M5M5V208AKV
Download  M5M5V208AKV Click to download

File Size   90.47 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM

M5M5V208AKV Datasheet (HTML) - Mitsubishi Electric Semiconductor


M5M5V208AKV Product details

DESCRIPTION
The M5M5V208A is a family of low voltage 2-Mbit static RAMs organized as 262,144-words by 8-bit, fabricated by Mitsubishis high performance 0.25µm CMOS technology.
The M5M5V208A is suitable for memory applications where a simple interfacing , battery operating and battery backup are the important design objectives. The M5M5V208A is packaged in 32-pin 8mm x 13.4mm STSOP packages. Two types of STSOPs are available, M5M5V208AKV (normal-lead-bend STSOP) and M5M5V208AKR (reverse-lead-bend STSOP). These two types STSOPs are suitable for a surface mounting on double-sided printed circuit boards.

FEATURES
• Single 2.7 ~ 3.6V power supply
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion and power down by S1 & S2
• Data retention supply voltage=2.0V
• Three-state outputs: OR-tie capability
• OE prevents data contention in the I/O bus
• Common Data I/O
• Battery backup capability
• Small stand-by current • • • • • • • • • • 0.3µA(typ.)
PACKAGE
M5M5V208AKV,KR : 32pin 8 X 13.4 mm TSOP




Similar Part No. - M5M5V208AKV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V208AKV-55HI RENESAS-M5M5V208AKV-55HI Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V208AKV-70HI RENESAS-M5M5V208AKV-70HI Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
More results


Similar Description - M5M5V208AKV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com