Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14541B Datasheet (PDF) - ON Semiconductor

MC14541B Datasheet PDF - ON Semiconductor
Part # MC14541B
Download  MC14541B Download

File Size   195.67 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Timer

MC14541B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14541B Datasheet PDF - ON Semiconductor

Part # MC14541B
Download  MC14541B Click to download

File Size   195.67 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Timer

MC14541B Datasheet (HTML) - ON Semiconductor


MC14541B Product details

Programmable Timer

  The MC14541B programmable timer consists of a 16−stage binary counter, an integrated oscillator for use with an external capacitor and two resistors, an automatic power−on reset circuit, and output control logic.
  Timing is initialized by turning on power, whereupon the power−on reset is enabled and initializes the counter, within the specified VDD range. With the power already on, an external reset pulse can be applied. Upon release of the initial reset command, the oscillator will oscillate with a frequency determined by the external RC network. The 16−stage counter divides the oscillator frequency (fosc) with the nth stage frequency being fosc/2n

Features
•Available Outputs 28, 210, 213 or 216
•Increments on Positive Edge Clock Transitions
•Built−in Low Power RC Oscillator (±2% accuracy over temperature range and ±20% supply and ±3% over processing at < 10 kHz)
•Oscillator May Be Bypassed if External Clock Is Available(Apply external clock to Pin 3)
•External Master Reset Totally Independent of Automatic Reset Operation
•Operates as 2n Frequency Divider or Single Transition Timer
•Q/QSelect Provides Output Logic Level Flexibility
•Reset (auto or master) Disables Oscillator During Resetting to Provide No Active Power Dissipation
•Clock Conditioning Circuit Permits Operation with Very Slow Clock Rise and Fall Times
•Automatic Reset Initializes All Counters On Power Up
•Supply Voltage Range = 3.0 Vdc to 18 Vdc with Auto Reset
  Supply Voltage Range = Disabled (Pin 5 = VDD)
  Supply Voltage Range = 8.5 Vdc to 18 Vdc with Auto Reset
  Supply Voltage Range = Enabled (Pin 5 = VSS)
•Pb−Free Packages are Available


.




Similar Part No. - MC14541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541B ONSEMI-MC14541B Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
MC14541BCP ONSEMI-MC14541BCP Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BCPG ONSEMI-MC14541BCPG Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BD ONSEMI-MC14541BD Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
More results


Similar Description - MC14541B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com