Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB2201200FT Datasheet (PDF) - Schneider Electric

QOB2201200FT Datasheet PDF - Schneider Electric
Part # QOB2201200FT
Download  QOB2201200FT Download

File Size   139.76 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, FT

QOB2201200FT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB2201200FT Datasheet PDF - Schneider Electric

Part # QOB2201200FT
Download  QOB2201200FT Click to download

File Size   139.76 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, FT

QOB2201200FT Datasheet (HTML) - Schneider Electric

QOB2201200FT Datasheet HTML 1Page - Schneider Electric QOB2201200FT Datasheet HTML 2Page - Schneider Electric


Similar Part No. - QOB2201200FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB2201200 SCHNEIDER-QOB2201200 Datasheet
132Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
More results


Similar Description - QOB2201200FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB220FT SCHNEIDER-QOB220FT Datasheet
132Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB2205252 SCHNEIDER-QOB2205252 Datasheet
128Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on
QOB220F10 SCHNEIDER-QOB220F10 Datasheet
99Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2205219 SCHNEIDER-QOB2205219 Datasheet
99Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on
QOB220H SCHNEIDER-QOB220H Datasheet
143Kb / 3P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2205237 SCHNEIDER-QOB2205237 Datasheet
134Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on
QOB220VHFT SCHNEIDER-QOB220VHFT Datasheet
99Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 22 kA, Bolt on, FT
QOB250FT SCHNEIDER-QOB250FT Datasheet
57Kb / 2P
   Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB280FT SCHNEIDER-QOB280FT Datasheet
57Kb / 2P
   Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB235FT SCHNEIDER-QOB235FT Datasheet
57Kb / 2P
   Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, FT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com