Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSMY5890X01 Datasheet (PDF) - Vishay Siliconix

VSMY5890X01 Datasheet PDF - Vishay Siliconix
Part # VSMY5890X01
Download  VSMY5890X01 Download

File Size   130.17 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology

VSMY5890X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY5890X01 Datasheet PDF - Vishay Siliconix

Part # VSMY5890X01
Download  VSMY5890X01 Click to download

File Size   130.17 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology

VSMY5890X01 Datasheet (HTML) - Vishay Siliconix

VSMY5890X01 Datasheet HTML 1Page - Vishay Siliconix VSMY5890X01 Datasheet HTML 2Page - Vishay Siliconix VSMY5890X01 Datasheet HTML 3Page - Vishay Siliconix VSMY5890X01 Datasheet HTML 4Page - Vishay Siliconix VSMY5890X01 Datasheet HTML 5Page - Vishay Siliconix VSMY5890X01 Datasheet HTML 6Page - Vishay Siliconix

VSMY5890X01 Product details

• Package type: surface-mount
• Package form: 0805
• Dimensions (L x W x H in mm): 2 x 1.25 x 0.8
• Peak wavelength: λp = 890 nm
• AEC-Q101 qualified
• High speed
• Angle of half intensity: ϕ = ± 60°
• 0805 standard surface-mountable package
• Floor life: 168 h, MSL 3, according to
J-STD-020
• Lead (Pb)-free reflow soldering




Similar Part No. - VSMY5890X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY5890X01 VISHAY-VSMY5890X01 Datasheet
130Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY5890X01 VISHAY-VSMY5890X01 Datasheet
129Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2023
VSMY5890X01 VISHAY-VSMY5890X01_V01 Datasheet
130Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY5890X01 VISHAY-VSMY5890X01_V02 Datasheet
129Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2023
More results


Similar Description - VSMY5890X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY2890GX01 VISHAY-VSMY2890GX01 Datasheet
204Kb / 9P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY2890GX01 VISHAY-VSMY2890GX01_V01 Datasheet
204Kb / 9P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2023
VSMY5890X01 VISHAY-VSMY5890X01_V01 Datasheet
130Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY2893RGX01 VISHAY-VSMY2893RGX01 Datasheet
216Kb / 11P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY2893GX01 VISHAY-VSMY2893GX01 Datasheet
216Kb / 11P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY2893SLX01 VISHAY-VSMY2893SLX01_V01 Datasheet
217Kb / 11P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2023
VSMY2893SLX01 VISHAY-VSMY2893SLX01 Datasheet
216Kb / 11P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
VSMY5890X01 VISHAY-VSMY5890X01_V02 Datasheet
129Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2023
VSMY5890 VISHAY-VSMY5890_V01 Datasheet
127Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2023
VSMY5890 VISHAY-VSMY5890 Datasheet
126Kb / 6P
   High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com