Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14052BDG Datasheet (PDF) - ON Semiconductor

MC14052BDG Datasheet PDF - ON Semiconductor
Part # MC14052BDG
Download  MC14052BDG Download

File Size   183.28 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Analog Multiplexers/Demultiplexers

MC14052BDG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14052BDG Datasheet PDF - ON Semiconductor

Part # MC14052BDG
Download  MC14052BDG Click to download

File Size   183.28 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Analog Multiplexers/Demultiplexers

MC14052BDG Datasheet (HTML) - ON Semiconductor

Back Button MC14052BDG Datasheet HTML 1Page - ON Semiconductor MC14052BDG Datasheet HTML 2Page - ON Semiconductor MC14052BDG Datasheet HTML 3Page - ON Semiconductor MC14052BDG Datasheet HTML 4Page - ON Semiconductor MC14052BDG Datasheet HTML 5Page - ON Semiconductor MC14052BDG Datasheet HTML 6Page - ON Semiconductor MC14052BDG Datasheet HTML 7Page - ON Semiconductor MC14052BDG Datasheet HTML 8Page - ON Semiconductor MC14052BDG Datasheet HTML 9Page - ON Semiconductor MC14052BDG Datasheet HTML 10Page - ON Semiconductor Next Button 

MC14052BDG Product details

Analog Multiplexers/Demultiplexers

The MC14051B, MC14052B, and MC14053B analog multiplexers are digitally−controlled analog switches. The MC14051B effectively implements an SP8T solid state switch, the MC14052B a DP4T, and the MC14053B a Triple SPDT. All three devices feature low ON impedance and very low OFF leakage current. Control of analog signals up to the complete supply voltage range can be achieved.

Features
• Triple Diode Protection on Control Inputs
• Switch Function is Break Before Make
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Analog Voltage Range (VDD− VEE) = 3.0 to 18 V Note: VEEmust be VSS
• Linearized Transfer Characteristics
• Low−noise − 12 nV/√Cycle, f ≥1.0 kHz Typical
• Pin−for−Pin Replacement for CD4051, CD4052, and CD4053
• For 4PDT Switch, See MC14551B
• For Lower RON, Use the HC4051, HC4052, or HC4053 High−Speed CMOS Devices
• Pb−Free Packages are Available*



Similar Part No. - MC14052BDG

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
MC14052BDG ONSEMI-MC14052BDG Datasheet
169Kb / 12P
   Analog Multiplexers/Demultiplexers
December, 2006 ??Rev. 10
MC14052BDG ONSEMI-MC14052BDG Datasheet
164Kb / 11P
   Analog Multiplexers/Demultiplexers
August, 2014 ??Rev. 14
More results

Similar Description - MC14052BDG

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
Motorola, Inc
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
ON Semiconductor
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
Micro Electronics
Micro Electronics
MMC4053 MICRO-ELECTRONICS-MMC4053 Datasheet
223Kb / 5P
   ANALOG MULTIPLEXERS DEMULTIPLEXERS
STMicroelectronics
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com