Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB230FT Datasheet (PDF) - Schneider Electric

QOB230FT Datasheet PDF - Schneider Electric
Part # QOB230FT
Download  QOB230FT Download

File Size   57.64 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on, FT

QOB230FT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB230FT Datasheet PDF - Schneider Electric

Part # QOB230FT
Download  QOB230FT Click to download

File Size   57.64 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on, FT

QOB230FT Datasheet (HTML) - Schneider Electric

QOB230FT Datasheet HTML 1Page - Schneider Electric QOB230FT Datasheet HTML 2Page - Schneider Electric



Similar Part No. - QOB230FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB230 SCHNEIDER-QOB230 Datasheet
130Kb / 3P
   QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB2301021 SCHNEIDER-QOB2301021 Datasheet
132Kb / 2P
   QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, bolt on, shunt trip
QOB2301200 SCHNEIDER-QOB2301200 Datasheet
132Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB2301201 SCHNEIDER-QOB2301201 Datasheet
135Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
QOB2302100 SCHNEIDER-QOB2302100 Datasheet
137Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on, Alarm Switch
More results


Similar Description - QOB230FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB230H5237 SCHNEIDER-QOB230H5237 Datasheet
56Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2305219 SCHNEIDER-QOB2305219 Datasheet
56Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2305237 SCHNEIDER-QOB2305237 Datasheet
131Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2305252 SCHNEIDER-QOB2305252 Datasheet
128Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on
QOB230H SCHNEIDER-QOB230H Datasheet
151Kb / 3P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2305321 SCHNEIDER-QOB2305321 Datasheet
56Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on
QOB230VHFT SCHNEIDER-QOB230VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 22 kA, Bolt on, FT
QOB250FT SCHNEIDER-QOB250FT Datasheet
57Kb / 2P
   Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB280FT SCHNEIDER-QOB280FT Datasheet
57Kb / 2P
   Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB235FT SCHNEIDER-QOB235FT Datasheet
57Kb / 2P
   Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, FT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com