Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB120VH5237 Datasheet (PDF) - Schneider Electric

QOB120VH5237 Datasheet PDF - Schneider Electric
Part # QOB120VH5237
Download  QOB120VH5237 Download

File Size   57.27 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on

QOB120VH5237 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB120VH5237 Datasheet PDF - Schneider Electric

Part # QOB120VH5237
Download  QOB120VH5237 Click to download

File Size   57.27 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on

QOB120VH5237 Datasheet (HTML) - Schneider Electric

QOB120VH5237 Datasheet HTML 1Page - Schneider Electric QOB120VH5237 Datasheet HTML 2Page - Schneider Electric



Similar Part No. - QOB120VH5237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB120VH SCHNEIDER-QOB120VH Datasheet
105Kb / 3P
   QO mini breaker, 20 A, 1 pole, 120/240 V, 22 kA, bolt on
QOB120VH1021 SCHNEIDER-QOB120VH1021 Datasheet
109Kb / 2P
   QO mini breaker, 20 A, 1 pole, 120/240 V, 22 kA, bolt on, shunt trip
QOB120VH1021FT SCHNEIDER-QOB120VH1021FT Datasheet
116Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on, FT
QOB120VH1032 SCHNEIDER-QOB120VH1032 Datasheet
91Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on
QOB120VH1042 SCHNEIDER-QOB120VH1042 Datasheet
119Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on, Shunt Trip
More results


Similar Description - QOB120VH5237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB120VH1032 SCHNEIDER-QOB120VH1032 Datasheet
91Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on
QOB120VH35 SCHNEIDER-QOB120VH35 Datasheet
113Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB120VH1021FT SCHNEIDER-QOB120VH1021FT Datasheet
116Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on, FT
QOB120VHFT SCHNEIDER-QOB120VHFT Datasheet
57Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on, FT
QOB125VH SCHNEIDER-QOB125VH Datasheet
102Kb / 2P
   Mini CB, QO, 25 A, 1P, 120/240 V, 22 kA, Bolt on
QOB130VH SCHNEIDER-QOB130VH Datasheet
97Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 22 kA, Bolt on
QOB160VH SCHNEIDER-QOB160VH Datasheet
102Kb / 2P
   Mini CB, QO, 60 A, 1P, 120/240 V, 22 kA, Bolt on
QOB115VH5237 SCHNEIDER-QOB115VH5237 Datasheet
69Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 22 kA, Bolt on
QOB110VH SCHNEIDER-QOB110VH Datasheet
56Kb / 1P
   Mini CB, QO, 10 A, 1P, 120/240 V, 22 kA, Bolt on
QOB150VH SCHNEIDER-QOB150VH Datasheet
108Kb / 2P
   Mini CB, QO, 50 A, 1P, 120/240 V, 22 kA, Bolt on
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com