Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QOB115K Datasheet (PDF) - Schneider Electric

QOB115K Datasheet PDF - Schneider Electric
Part # QOB115K
Download  QOB115K Download

File Size   106.66 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Key

QOB115K Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB115K Datasheet PDF - Schneider Electric

Part # QOB115K
Download  QOB115K Click to download

File Size   106.66 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Key

QOB115K Datasheet (HTML) - Schneider Electric

QOB115K Datasheet HTML 1Page - Schneider Electric QOB115K Datasheet HTML 2Page - Schneider Electric


Similar Part No. - QOB115K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB115 SCHNEIDER-QOB115 Datasheet
105Kb / 3P
   QO mini breaker, 15 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB1151021 SCHNEIDER-QOB1151021 Datasheet
138Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1151032 SCHNEIDER-QOB1151032 Datasheet
57Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1151042 SCHNEIDER-QOB1151042 Datasheet
119Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1151044 SCHNEIDER-QOB1151044 Datasheet
56Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
More results


Similar Description - QOB115K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB110K SCHNEIDER-QOB110K Datasheet
99Kb / 1P
   Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Bolt on, Key
QOB1151044 SCHNEIDER-QOB1151044 Datasheet
56Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1155237 SCHNEIDER-QOB1155237 Datasheet
102Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1151032 SCHNEIDER-QOB1151032 Datasheet
57Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1155219 SCHNEIDER-QOB1155219 Datasheet
57Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB130K SCHNEIDER-QOB130K Datasheet
105Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Key
QOB125K SCHNEIDER-QOB125K Datasheet
105Kb / 2P
   Mini CB, QO, 25 A, 1P, 120/240 V, 10 kA, Bolt on, Key
QOB120K SCHNEIDER-QOB120K Datasheet
106Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, Key
QOB11535 SCHNEIDER-QOB11535 Datasheet
115Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB115FT SCHNEIDER-QOB115FT Datasheet
106Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, FT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com