Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14016BF Datasheet (PDF) - ON Semiconductor

MC14016BF Datasheet PDF - ON Semiconductor
Part No. MC14016BF
Download  MC14016BF Click to view

File Size   244.92 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Analog Switch/Quad Multiplexer

MC14016BF Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14016BF Datasheet PDF - ON Semiconductor

Part No. MC14016BF
Download  MC14016BF Click to view

File Size   244.92 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Analog Switch/Quad Multiplexer

MC14016BF Datasheet (HTML) - ON Semiconductor

Back Button MC14016BF Datasheet HTML 1Page - ON Semiconductor MC14016BF Datasheet HTML 2Page - ON Semiconductor MC14016BF Datasheet HTML 3Page - ON Semiconductor MC14016BF Datasheet HTML 4Page - ON Semiconductor MC14016BF Datasheet HTML 5Page - ON Semiconductor MC14016BF Datasheet HTML 6Page - ON Semiconductor MC14016BF Datasheet HTML 7Page - ON Semiconductor MC14016BF Datasheet HTML 8Page - ON Semiconductor MC14016BF Datasheet HTML 9Page - ON Semiconductor MC14016BF Datasheet HTML 10Page - ON Semiconductor Next Button 

MC14016BF Product details

The MC14016B quad bilateral switch is constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. Each MC14016B consists of four independent switches capable of controlling either digital or analog signals. The quad bilateral switch is used in signal gating, chopper, modulator, demodulator and CMOS logic implementation.

• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Linearized Transfer Characteristics
• Low Noise — 12 nV/√Cycle, f ≥ 1.0 kHz typical
• Pin–for–Pin Replacements for CD4016B, CD4066B (Note improved transfer characteristic design causes more parasitic coupling capacitance than CD4016)
• For Lower RON, Use The HC4016 High–Speed CMOS Device or The MC14066B
• This Device Has Inputs and Outputs Which Do Not Have ESD Protection. Antistatic Precautions Must Be Taken.



Similar Part No. - MC14016BF

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC14016BFEL ONSEMI-MC14016BFEL Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BFELG ONSEMI-MC14016BFELG Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BFELG ONSEMI-MC14016BFELG Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
More results

Similar Description - MC14016BF

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
Motorola, Inc
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
ON Semiconductor
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74LVX4066 ONSEMI-MC74LVX4066 Datasheet
271Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz