Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2031TQ Datasheet (PDF) - California Eastern Labs

UPG2031TQ Datasheet PDF - California Eastern Labs
Part # UPG2031TQ
Download  UPG2031TQ Download

File Size   357.89 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs L-BAND SP3T SWITCH

UPG2031TQ Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2031TQ Datasheet PDF - California Eastern Labs

Part # UPG2031TQ
Download  UPG2031TQ Click to download

File Size   357.89 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs L-BAND SP3T SWITCH

UPG2031TQ Datasheet (HTML) - California Eastern Labs

UPG2031TQ Datasheet HTML 1Page - California Eastern Labs UPG2031TQ Datasheet HTML 2Page - California Eastern Labs UPG2031TQ Datasheet HTML 3Page - California Eastern Labs UPG2031TQ Datasheet HTML 4Page - California Eastern Labs UPG2031TQ Datasheet HTML 5Page - California Eastern Labs UPG2031TQ Datasheet HTML 6Page - California Eastern Labs UPG2031TQ Datasheet HTML 7Page - California Eastern Labs


Similar Part No. - UPG2031TQ

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2031TQ NEC-UPG2031TQ Datasheet
99Kb / 8P
   L-BAND SP3T SWITCH
logo
Renesas Technology Corp
UPG2031TQ RENESAS-UPG2031TQ Datasheet
301Kb / 10P
   GaAs INTEGRATED CIRCUIT
2003
logo
NEC
UPG2031TQ-E1 NEC-UPG2031TQ-E1 Datasheet
99Kb / 8P
   L-BAND SP3T SWITCH
logo
Renesas Technology Corp
UPG2031TQ-E1 RENESAS-UPG2031TQ-E1 Datasheet
301Kb / 10P
   GaAs INTEGRATED CIRCUIT
2003
More results


Similar Description - UPG2031TQ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2227T5F CEL-UPG2227T5F Datasheet
408Kb / 8P
   NECs L-BAND SP3T SWITCH
logo
NEC
UPG2031TQ NEC-UPG2031TQ Datasheet
99Kb / 8P
   L-BAND SP3T SWITCH
UPG2045TQ NEC-UPG2045TQ Datasheet
100Kb / 8P
   L-BAND SP3T SWITCH
UPG2404T6Q NEC-UPG2404T6Q Datasheet
88Kb / 9P
   L-BAND SP3T SWITCH
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2214TB NEC-UPG2214TB Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com