Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M564R16DJ-10 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M564R16DJ-10 Datasheet PDF - Mitsubishi Electric Semiconductor
Part No. M5M564R16DJ-10
Download  M5M564R16DJ-10 Click to view

File Size   90.26 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM

M5M564R16DJ-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M564R16DJ-10 Datasheet PDF - Mitsubishi Electric Semiconductor

Part No. M5M564R16DJ-10
Download  M5M564R16DJ-10 Click to view

File Size   90.26 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM

M5M564R16DJ-10 Datasheet (HTML) - Mitsubishi Electric Semiconductor

M5M564R16DJ-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M564R16DJ-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M564R16DJ-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M564R16DJ-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M564R16DJ-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M564R16DJ-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M564R16DJ-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor

M5M564R16DJ-10 Product details

DESCRIPTION
The M5M564R16D is a family of 65536-word by 16-bit  static RAMs, fabricated with the high performance CMOS  process and designed for high  speed application. These  devices operate on a single 3.3V supply, and are directly  TTL  compatible.

FEATURES
• Fast access time
    M5M564R16DJ,TP-10 ... 10ns(max)
    M5M564R16DJ,TP-12 ... 12ns(max)
    M5M564R16DJ,TP-15 ... 15ns(max)
• Low power dissipation         Active .................. 363mW(typ)
• Single +3.3V power supply
• Fully static operation : No clocks, No refresh
• Common data I/O
• Easy memory expansion by  S
• Three-state outputs : OR-tie capability
• OE prevents data contention in the I/O bus
• Directly TTL compatible : All inputs and outputs
• Separate control of lower and upper bytes by  LB and  UB

APPLICATION
    High-speed memory system



Similar Part No. - M5M564R16DJ-10

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
M5M5 ETC1-M5M5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
Edal Industries, Inc.
Edal Industries, Inc.
M5M5 EDAL-M5M5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
M-System Co.,Ltd.
M-System Co.,Ltd.
M5M5-0-M MSYSTEM-M5M5-0-M Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/A1 MSYSTEM-M5M5-0-M/A1 Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/K MSYSTEM-M5M5-0-M/K Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
More results

Similar Description - M5M564R16DJ-10

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz