![]() |
Electronic Components Datasheet Search |
|
NCP1001 Datasheet (PDF) - ON Semiconductor |
NCP1001 Datasheet (HTML) - ON Semiconductor |
NCP1001 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | NCP1001 |
Download | NCP1001 Click to view |
File Size | 115.38 Kbytes |
Page | 16 Pages |
Maker | ONSEMI [ON Semiconductor] |
Homepage | http://www.onsemi.com |
Logo | |
Description | Integrated Off-Line Switching Regulator |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
NTE7078 | Integrated Circuit Hybrid Switching Voltage Regulator | 1 2 | NTE Electronics |
PT6700 | 13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
MC33363 | HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR | 1 2 3 4 5 More | ON Semiconductor |
STR-S6513 | OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT | 1 2 3 4 5 More | Allegro MicroSystems |
NTE7079 | Integrated Circuit Hybrid Switching Voltage Regulator | 1 2 | NTE Electronics |
NTE7125 | Integrated Circuit Switching Regulator | 1 2 3 | NTE Electronics |
PT6920 | 5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
PT6440 | 6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator | 1 2 3 4 5 More | Texas Instruments |
SLTS058B | 1 Amp Plus to Minus Voltage Integrated Switching Regulator | 1 2 3 4 5 More | Texas Instruments |
PT6705 | 13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |